Electronic Components Datasheet Search
  English  ▼

X  

LT1793 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1793
Description  Low Noise, Picoampere Bias Current, JFET Input Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1793 Datasheet(HTML) 1 Page - Linear Technology

  LT1793 Datasheet HTML 1Page - Linear Technology LT1793 Datasheet HTML 2Page - Linear Technology LT1793 Datasheet HTML 3Page - Linear Technology LT1793 Datasheet HTML 4Page - Linear Technology LT1793 Datasheet HTML 5Page - Linear Technology LT1793 Datasheet HTML 6Page - Linear Technology LT1793 Datasheet HTML 7Page - Linear Technology LT1793 Datasheet HTML 8Page - Linear Technology LT1793 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1793
Low Noise,
Picoampere Bias Current,
JFET Input Op Amp
1kHz Output Voltage Noise
Density vs Source Resistance
SOURCE RESISTANCE (
Ω)
10k
1k
100
10
1
100
10k
100k
1M
1k
10M
1793 TA02
100M 1G
–
+
VN
RSOURCE
TA = 25°C
VS = ±15V
VN
SOURCE
RESISTANCE
ONLY
VN =
√(V
OP AMP)
2 + 4kTRS + 2qIBRS2
The LT
®1793 achieves a new standard of excellence in
noise performance for a JFET op amp. For the first time low
voltage noise (6nV/
√Hz) is simultaneously offered with
extremely low current noise (0.8fA/
√Hz), providing the
lowest total noise for high impedance transducer applica-
tions. Unlike most JFET op amps, the very low input bias
current (3pA typ) is maintained over the entire common
mode range which results in an extremely high input resis-
tance (1013
Ω). When combined with a very low input ca-
pacitance (1.5pF) an extremely high input impedance
results, making the LT1793 the first choice for amplifying
low level signals from high impedance transducers. The
low input capacitance also assures high gain linearity when
buffering AC signals from high impedance transducers.
The LT1793 is unconditionally stable for gains of 1 or more,
even with 1000pF capacitive loads. Other key features are
250
µV VOS and a voltage gain over 4 million. Each indi-
vidual amplifier is 100% tested for voltage noise, slew rate
(3.4V/
µs) and gain-bandwidth product (4.2MHz).
Specifications at
±5V supply operation are also provided.
For an even lower voltage noise please see the LT1792 data
sheet.
s
Input Bias Current, Warmed Up: 10pA Max
s
100% Tested Low Voltage Noise: 8nV/
√Hz Max
s
A Grade 100% Temperature Tested
s
Offset Voltage Over Temp: 1mV Max
s
Input Resistance: 1013
Ω
s
Very Low Input Capacitance: 1.5pF
s
Voltage Gain: 1 Million Min
s
Gain-Bandwidth Product: 4.2MHz Typ
s
Guaranteed Specifications with
±5V Supplies
s
Photocurrent Amplifiers
s
Hydrophone Amplifiers
s
High Sensitivity Piezoelectric Accelerometers
s
Low Voltage and Current Noise Instrumentation
Amplifier Front Ends
s
Two and Three Op Amp Instrumentation Amplifiers
s
Active Filters
, LTC and LT are registered trademarks of Linear Technology Corporation.
1793 TA01
R1
1M
C1
2pF
LT1097
R2C2 > C1R1
CD = PARASITIC PHOTODIODE CAPACITANCE
VOUT = 100mV/µWATT FOR 200nm WAVE LENGTH
330mV/
µWATT FOR 633nm WAVE LENGTH
R5
10k
D2
1N914
V –
V –
V +
R4
1k
D1
1N914
R3
1k
6
7
4
3
2
LT1793
V +
V –
C2 0.022
µF
HAMAMATSU
S1336-5BK
(908) 231-0960
VOUT
R2
100k
CD
2N3904
Low Noise Light Sensor with DC Servo
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1793

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1793 LINER-LT1793 Datasheet
177Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
More results

Similar Description - LT1793

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD705 AD-AD705 Datasheet
451Kb / 8P
Picoampere Input Current Bipolar Op Amp
REV.B
logo
Linear Technology
LT1024 LINER-LT1024 Datasheet
719Kb / 8P
Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp?
LT1169 LINER-LT1169 Datasheet
333Kb / 12P
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Sensitron
SCP-5453 SENSITRON-SCP-5453 Datasheet
62Kb / 5P
Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
logo
Analog Devices
AD705 AD-AD705_15 Datasheet
559Kb / 3P
PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
logo
Linear Technology
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Texas Instruments
OPA192 TI1-OPA192_15 Datasheet
3Mb / 52P
Low Input Bias Current Op Amp
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
Low Input Bias Current Op Amp
logo
Maxim Integrated Produc...
MAX40242 MAXIM-MAX40242 Datasheet
531Kb / 12P
20V, Low Input Bias-Current, Low-Noise, Dual Op Amp
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com