Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1813
Description  Dual 3mA, 100MHz, 750V/us Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology LT1813 Datasheet HTML 11Page - Linear Technology LT1813 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1813
TYPICAL PERFOR A CE CHARACTERISTICS
Gain Bandwidth and Phase
Margin vs Supply Voltage
Common Mode Rejection Ratio
vs Frequency
SUPPLY VOLTAGE (
±V)
0
90
95
105
35
1813 G19
85
80
12
46
7
44
42
40
38
100
TA = 25°C
GBW
RL = 500Ω
GBW
RL = 100Ω
PHASE MARGIN
RL = 100Ω
PHASE MARGIN
RL = 500Ω
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
1k
10k
100k
40
60
80
1M
10M
100M
1813 G20
20
0
100
–PSRR
+PSRR
TA = 25°C
AV = 1
VS = ±5V
FREQUENCY (Hz)
1k
10k
100k
40
60
80
1M
10M
100M
1813 G21
20
0
100
TA = 25°C
VS = ±5V
Slew Rate vs Supply Voltage
Slew Rate vs Input Level
SUPPLY VOLTAGE (
±V)
0
0
100
300
400
500
1000
700
2
4
5
1813 G22
200
800
900
600
1
3
6
7
TA =25°C
AV = –1
VIN = VS(TOTAL)/2
RF = RG = RL = 500Ω
SR+
SR–
Slew Rate vs Supply Voltage
SUPPLY VOLTAGE (
±V)
0
200
300
450
2
4
5
1813 G23
250
400
350
1
3
6
7
TA =25°C
AV = –1
VIN = ±1V
RF = RG = RL = 500Ω
SR–
SR+
INPUT LEVEL (VP-P)
0
200
600
1200
2
4
5
1813 G24
400
1000
800
1
3
6
78
TA =25°C
AV = –1
VS = ±5V
RF = RG = RL = 500Ω
SR–
SR+
Slew Rate vs Temperature
TEMPERATURE (
°C)
–50
200
300
500
600
700
50
1100
1813 G25
400
0
125
100
25
–25
75
800
900
1000
SR+
VS = ± 5V
SR+ VS = ±2.5V
SR– VS = ±2.5V
SR–
VS = ± 5V
Total Harmonic Distortion + Noise
vs Frequency
FREQUENCY (Hz)
10
100
0.001
0.002
0.005
0.01
1k
10k
100k
1813 G26
AV = –1
AV = 1
TA = 25°C
VS = ± 5V
VO = 2VP-P
RL = 500Ω
Undistorted Output Swing
vs Frequency
FREQUENCY (Hz)
100k
5
6
7
8
9
1M
10M
100M
1813 G27
4
3
1
0
2
AV = – 1
AV = 1
VS = ± 5V
RL = 100Ω
2% MAX DISTORTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com