Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1813
Description  Dual 3mA, 100MHz, 750V/us Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology LT1813 Datasheet HTML 11Page - Linear Technology LT1813 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1813
APPLICATIONS INFORMATION
Example: LT1813 in SO-8 at 70
°C, VS = ±5V, RL = 100Ω
PDMAX = (10V)(4.5mA) + (2.5V)2/100Ω = 108mW
TJMAX = 70°C + (2 • 108mW)(150°C/W) = 102°C
Circuit Operation
The LT1813 circuit topology is a true voltage feedback
amplifier that has the slewing behavior of a current feed-
back amplifier. The operation of the circuit can be under-
stood by referring to the Simplified Schematic. The inputs
are buffered by complementary NPN and PNP emitter
followers which drive a 300
Ω resistor. The input voltage
appears across the resistor generating currents that are
mirrored into the high impedance node.
Complementary followers form an output stage that buff-
ers the gain node from the load. The bandwidth is set by
the input resistor and the capacitance on the high imped-
ance node. The slew rate is determined by the current
available to charge the gain node capacitance. This current
is the differential input voltage divided by R1, so the slew
rate is proportional to the input. Highest slew rates are
therefore seen in the lowest gain configurations.
The RC network across the output stage is bootstrapped
when the amplifier is driving a light or moderate load and
has no effect under normal operation. When driving ca-
pacitive loads (or a low value resistive load) the network is
incompletely bootstrapped and adds to the compensation
at the high impedance node. The added capacitance slows
down the amplifier which improves the phase margin by
moving the unity-gain cross away from the pole formed by
the output impedance and the capacitive load. The zero
created by the RC combination adds phase to ensure that
the total phase lag does not exceed 180 degrees (zero
phase margin) and the amplifier remains stable. In this
way, the LT1813 is stable with up to 1000pF capacitive
loads in unity gain, and even higher capacitive loads in
higher closed-loop gain configurations.
1813 SS
OUT
+IN
–IN
V+
V–
R1
300
Ω
CC
RC
C
SCHEMATIC
SI PLIFIED
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com