Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1813
Description  Dual 3mA, 100MHz, 750V/us Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology LT1813 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1813
TYPICAL PERFOR A CE CHARACTERISTICS
Settling Time vs Output Step
Output Short-Circuit Current
vs Temperature
Output Impedance vs Frequency
TEMPERATURE (
°C)
–50
80
90
100
110
120
–25
0
25
50
1813 G10
75
100
125
VS = ± 5V
SOURCE
SINK
SETTLING TIME (ns)
0
–5
–4
–2
–1
0
5
2
10
20
25
1813 G11
–3
3
4
1
5
15
30
35
VS = ± 5V
AV = –1
RF = 500Ω
CF = 3pF
0.1% SETTLING
FREQUENCY (Hz)
10k
100k
0.001
0.1
100
1M
10M
100M
1813 G12
0.01
1
10
AV = 100
AV = 10
AV = 1
TA = 25°C
VS = ± 5V
Gain and Phase vs Frequency
FREQUENCY (Hz)
10
20
40
60
70
10k
1M
10M
1000M
1813 G13
0
100k
100M
50
30
–10
0
20
60
100
120
–20
80
40
–40
PHASE
GAIN
±5V
±5V
±2.5V
±2.5V
TA = 25°C
AV = –1
RF = RG = 500Ω
Crosstalk vs Frequency
FREQUENCY (Hz)
–70
–60
–40
–30
–10
0
100k
10M
100M
1813 G14
–80
1M
1000M
–20
–50
–90
TA = 25°C
AV = 10
VIN = 0dBm
RL = 100Ω
Gain Bandwidth and Phase
Margin vs Temperature
TEMPERATURE (
°C)
–50
–25
85
115
0
50
75
1813 G15
38
42
40
105
95
25
100
125
GBW
VS = ± 5V
GBW
VS = ±2.5V
PHASE MARGIN
VS = ±2.5V
PHASE MARGIN
VS = ±5V
Frequency Response
vs Supply Voltage, AV = 1
FREQUENCY (Hz)
1M
–6
–4
–2
0
2
10M
100M
500M
1813 G16
–8
–10
–12
–14
4
6
TA = 25°C
AV = 1
NO RL
VS = ±2.5V
VS = ±5V
FREQUENCY (Hz)
1M
2
4
6
8
10M
100M
500M
1813 G17
0
–2
–4
–6
VS = ±5V
TA = 25°C
AV = 2
RL = 100Ω
VS = ±2.5V
Frequency Response
vs Supply Voltage, AV = 2
Frequency Response
vs Capacitive Load, AV = – 1
FREQUENCY (Hz)
1
0
4
8
10M
100M 200M
1813 G18
–4
–8
12
TA = 25°C
AV = –1
VS = ±5V
RF = RG = 500Ω
NO RL
CL= 1000pF
CL= 500pF
CL= 200pF
CL= 100pF
CL= 50pF
CL= 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com