Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1813
Description  Dual 3mA, 100MHz, 750V/us Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 3 Page - Linear Technology

  LT1813 Datasheet HTML 1Page - Linear Technology LT1813 Datasheet HTML 2Page - Linear Technology LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1813
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GBW
Gain Bandwidth
f = 200kHz
75
100
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V, RL = 100Ω
2ns
Overshoot
AV = 1, 0.1V, RL = 100Ω
25
%
Propagation Delay
50% VIN to 50% VOUT, 0.1V, RL = 100Ω
2.8
ns
RO
Output Resistance
AV = 1, f = 1MHz
0.4
Ω
Channel Separation
VOUT = ±3V, RL = 100Ω
82
90
dB
IS
Supply Current
Per Amplifier
3
3.6
mA
TA = 25°C, VS = 5V, VCM = 2.5V, RL to 2.5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
0.7
2
mV
IOS
Input Offset Current
50
400
nA
IB
Input Bias Current
–1
±4
µA
en
Input Noise Voltage
f = 10kHz
8
nV/
√Hz
in
Input Noise Current
f = 10kHz
1
pA/
√Hz
RIN
Input Resistance
VCM = 1.5V to 3.5V
3
20
M
Ω
Differential
1.5
M
Ω
CIN
Input Capacitance
2pF
Input Voltage Range (High)
3.5
4
V
Input Voltage Range (Low)
1
1.5
V
CMRR
Common Mode Rejection Ratio
VCM = 1.5V to 3.5V
73
82
dB
AVOL
Large-Signal Voltage Gain
VOUT = 1.5V to 3.5V, RL = 500Ω
1.0
2.0
V/mV
VOUT = 1.5V to 3.5V, RL = 100Ω
0.7
1.5
V/mV
VOUT
Output Swing (High)
RL = 500Ω, 30mV Overdrive
3.9
4.1
V
RL = 100Ω, 30mV Overdrive
3.7
3.9
V
Output Swing (Low)
RL = 500Ω, 30mV Overdrive
0.9
1.1
V
RL = 100Ω, 30mV Overdrive
1.1
1.3
V
IOUT
Output Current
VOUT = 3.5V or 1.5V, 30mV Overdrive
±25
±35
mA
ISC
Short-Circuit Current
VOUT = 2.5V, VIN = ±1V
±55
±75
mA
SR
Slew Rate
AV = – 1 (Note 5)
200
350
V/
µs
Full Power Bandwidth
1V Peak (Note 6)
55
MHz
GBW
Gain Bandwidth
f = 200kHz
65
94
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V, RL = 100Ω
2.1
ns
Overshoot
AV = 1, 0.1V, RL = 100Ω
25
%
Propagation Delay
50% VIN to 50% VOUT, 0.1V, RL = 100Ω
3ns
RO
Output Resistance
AV = 1, f = 1MHz
0.45
Ω
Channel Separation
VOUT = 1.5V to 3.5V, RL = 100Ω
81
92
dB
IS
Supply Current
Per Amplifier
2.9
3.6
mA
TA = 25°C, VS = ±5V, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the temperature range
0
°C ≤ TA ≤ 70°C. VS = ±5V, VCM = 0V unless otherwise noted (Note 9).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
q
2mV
Input VOS Drift
(Note 7)
q
10
15
µV/°C
IOS
Input Offset Current
q
500
nA
IB
Input Bias Current
q
±5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com