Electronic Components Datasheet Search
  English  ▼

X  

UPD754202GS Datasheet(PDF) 47 Page - NEC

Part # UPD754202GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754202GS Datasheet(HTML) 47 Page - NEC

Back Button UPD754202GS Datasheet HTML 43Page - NEC UPD754202GS Datasheet HTML 44Page - NEC UPD754202GS Datasheet HTML 45Page - NEC UPD754202GS Datasheet HTML 46Page - NEC UPD754202GS Datasheet HTML 47Page - NEC UPD754202GS Datasheet HTML 48Page - NEC UPD754202GS Datasheet HTML 49Page - NEC UPD754202GS Datasheet HTML 50Page - NEC UPD754202GS Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
47
µPD754202, 754202(A)
DC Characteristics (TA = –40 to +85 ˚C, VDD = 1.8 to 6.0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High-level output current
IOH
Per pin
Pins except P32
–5
mA
Only P32,
–7
–15
mA
VDD = 3.0 V,
VOH = VDD–2.0 V
All pins total
–20
mA
Low-level output current
IOL
Per pin
15
mA
All pins total
45
mA
High-level input voltage
VIH1
Port 3
2.7 V
≤ VDD ≤ 6.0 V
0.7 VDD
VDD
V
1.8 V
≤ VDD < 2.7 V
0.9 VDD
VDD
V
VIH2
Ports 6-8, KRREN,
2.7 V
≤ VDD ≤ 6.0 V
0.8 VDD
VDD
V
RESET
1.8 V
≤ VDD < 2.7 V
0.9 VDD
VDD
V
VIH3
X1
VDD–0.1
VDD
V
Low-level input voltage
VIL1
Port 3
2.7 V
≤ VDD ≤ 6.0 V
0
0.3 VDD
V
1.8 V
≤ VDD < 2.7 V
0
0.1 VDD
V
VIL2
Ports 6-8, KRREN,
2.7 V
≤ VDD ≤ 6.0 V
0
0.2 VDD
V
RESET
1.8 V
≤ VDD < 2.7 V
0
0.1 VDD
V
VIL3
X1
0
0.1
V
High-level output voltage
VOH
VDD = 4.5 to 6.0 V, IOH = –1.0 mA
VDD–1.0
V
VDD = 1.8 to 6.0 V, IOH = –100
µAVDD–0.5
V
Low-level output voltage
VOL
VDD = 4.5 to 6.0 V
Port 3, IOL = 15 mA
0.6
2.0
V
Ports 6, 8,
0.4
V
IOL = 1.6 mA
VDD = 1.8 to 6.0 V, IOL = 400
µA
0.5
V
High-level input leak
ILIH1
VIN = VDD
Pins except X1
3.0
µA
current
ILIH2
X1
20
µA
Low-level input leak
ILIL1
VIN = 0 V
Pins except X1
–3.0
µA
current
ILIL2
X1
–20
µA
High-level output
ILOH
VOUT = VDD
3.0
µA
leak current
Low-level output
ILOL
VOUT = 0 V
–3.0
µA
leak current
On-chip pull-up resistance
RL1
VIN = 0 V
Ports 3, 6, 8
50
100
200
k
Ω
RL2
Port 7 (mask option)
15
30
60
k
Ω
50
100
200
k
Ω
RESET (mask option)
50
100
200
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com