Electronic Components Datasheet Search
  English  ▼

X  

UPD754202GS Datasheet(PDF) 14 Page - NEC

Part # UPD754202GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754202GS Datasheet(HTML) 14 Page - NEC

Back Button UPD754202GS Datasheet HTML 10Page - NEC UPD754202GS Datasheet HTML 11Page - NEC UPD754202GS Datasheet HTML 12Page - NEC UPD754202GS Datasheet HTML 13Page - NEC UPD754202GS Datasheet HTML 14Page - NEC UPD754202GS Datasheet HTML 15Page - NEC UPD754202GS Datasheet HTML 16Page - NEC UPD754202GS Datasheet HTML 17Page - NEC UPD754202GS Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
14
µPD754202, 754202(A)
5.
MEMORY CONFIGURATION
• Program Memory (ROM): 2048
× 8 bits (0000H-07FFH)
• Addresses 0000H and 0001H
Vector table wherein the program start address and the values set for the RBE and MBE at the time a RESET
signal is generated are written. Reset start is possible from any address.
• Addresses 0002H to 000DH
Vector table wherein the program start address and values set for the RBE and MBE by the vectored interrupts
are written. Interrupt service can start from any address.
• Addresses 0020H to 007FH
Table area referenced by the GETI instructionNote.
Note
The GETI instruction realizes a 1-byte instruction on behalf of any 2-byte instruction, 3-byte
instruction, or two 1-byte instructions. It is used to decrease the number of program steps.
• Data Memory (RAM)
• Data area: 128 words
× 4 bits (000H-07FH)
• Peripheral hardware area: 128 words
× 4 bits (F80H-FFFH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com