Electronic Components Datasheet Search
  English  ▼

X  

UPD754202GS Datasheet(PDF) 13 Page - NEC

Part # UPD754202GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754202GS Datasheet(HTML) 13 Page - NEC

Back Button UPD754202GS Datasheet HTML 9Page - NEC UPD754202GS Datasheet HTML 10Page - NEC UPD754202GS Datasheet HTML 11Page - NEC UPD754202GS Datasheet HTML 12Page - NEC UPD754202GS Datasheet HTML 13Page - NEC UPD754202GS Datasheet HTML 14Page - NEC UPD754202GS Datasheet HTML 15Page - NEC UPD754202GS Datasheet HTML 16Page - NEC UPD754202GS Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
13
µPD754202, 754202(A)
4.2 Setting Method of Stack Bank Select Register (SBS)
Switching between the Mk I mode and Mk II mode can be done by the SBS. Figure 4-1 shows the format.
The SBS is set by a 4-bit memory manipulation instruction.
When using the Mk I mode, the SBS must be initialized to 1000B at the beginning of a program. When using
the Mk II mode, it must be initialized to 0000B.
Figure 4-1. Stack Bank Select Register Format
SBS3
SBS2
SBS1
SBS0
3210
Symbol
SBS
Address
F84H
00
0
1
0
Memory bank 0
Other than above setting prohibited
0 must be set in the bit 2 position.
Stack area specification
Mk II mode
Mk I mode
Mode switching specification
Caution Because SBS.3 is set to “1” after a RESET signal is generated, the CPU operates in the
Mk I mode. When executing an instruction in the Mk II mode, set SBS.3 to “0” to select
the Mk II mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com