Electronic Components Datasheet Search
  English  ▼

X  

LT2078 Datasheet(PDF) 8 Page - Linear Technology

Part # LT2078
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2078 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT2078 Datasheet HTML 4Page - Linear Technology LT2078 Datasheet HTML 5Page - Linear Technology LT2078 Datasheet HTML 6Page - Linear Technology LT2078 Datasheet HTML 7Page - Linear Technology LT2078 Datasheet HTML 8Page - Linear Technology LT2078 Datasheet HTML 9Page - Linear Technology LT2078 Datasheet HTML 10Page - Linear Technology LT2078 Datasheet HTML 11Page - Linear Technology LT2078 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT2078/LT 2079
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
TEMPERATURE (
°C)
–50
55
50
45
40
35
30
25
25
75
LT2078/79 • TPC21
–25
0
50
100
125
VS = ±15V
VS = 5V, 0V
Small-Signal Transient Response
VS = 5V, 0V
AV = 1
10
µs/DIV
CL = 15pF
INPUT 50mV TO 150mV
LT2078/79 • TPC24
0V
Closed-Loop Output Impedance
FREQUENCY (Hz)
1k
100
10
1
0.1
LT2078/79 • TPC23
10
100
1k
10k
100k
AV = 100
AV = 10
AV = 1
Small-Signal Transient Response
VS = ± 15V
AV = 1
10
µs/DIV
CL = 15pF
LT2078/79 • TPC26
0V
Common Mode Range vs
Temperature
TEMPERATURE (
°C)
–50 –25
0
25
50
75
LT2078/79 • TPC22
125
V+
V+ – 1
V+ – 2
V– + 1
V–
V– – 1
100
V+ = 2.5V TO 18V
V– = 0V TO –18V
Small-Signal Transient Response
VS = ± 2.5V
AV = 1
10
µs/DIV
CL = 15pF
LT2078/79 • TPC25
0V
Large-Signal Transient Response
VS = 5V, 0V
AV = 1, NO LOAD
50
µs/DIV
INPUT PULSE 0V TO 3.8V
LT2078/79 • TPC27
Large-Signal Transient Response
VS = ± 15V
AV = 1
100
µs/DIV
NO LOAD
LT2078/79 • TPC28
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com