Electronic Components Datasheet Search
  English  ▼

X  

LT2078 Datasheet(PDF) 3 Page - Linear Technology

Part # LT2078
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2078 Datasheet(HTML) 3 Page - Linear Technology

  LT2078 Datasheet HTML 1Page - Linear Technology LT2078 Datasheet HTML 2Page - Linear Technology LT2078 Datasheet HTML 3Page - Linear Technology LT2078 Datasheet HTML 4Page - Linear Technology LT2078 Datasheet HTML 5Page - Linear Technology LT2078 Datasheet HTML 6Page - Linear Technology LT2078 Datasheet HTML 7Page - Linear Technology LT2078 Datasheet HTML 8Page - Linear Technology LT2078 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT 2078/LT 2079
ELECTRICAL CHARACTERISTICS V
S = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = 25°C, unless otherwise noted.
LT2078AC/LT2078AI
LT2078C/LT2078I
LT2079AC/LT2079AI
LT2079C/LT2079I
SYMBOL
PARAMETER
CONDITIONS (NOTE 1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VO = 0.03V to 4V, No Load
200
1000
150
1000
V/mV
VO = 0.03V to 3.5V, RL = 50k
150
600
120
600
V/mV
Maximum Output Voltage
Output Low, No Load
3.5
6
3.5
6
mV
Swing
Output Low, 2k to GND
0.55
1.0
0.55
1.0
mV
Output Low, ISINK = 100µA
95
130
95
130
mV
Output High, No Load
4.2
4.4
4.2
4.4
V
Output High, 2k to GND
3.5
3.9
3.5
3.9
V
SR
Slew Rate
AV = 1, VS = ±2.5V
0.04
0.07
0.04
0.07
V/
µs
GBW
Gain Bandwidth Product
fO ≤ 20kHz
200
200
kHz
IS
Supply Current per Amplifier
38
50
39
55
µA
Channel Separation
∆VIN = 3V, RL = 10k, f ≤ 10Hz
110
110
dB
Minimum Supply Voltage
(Note 4)
2.2
2.3
2.2
2.3
V
VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, – 40°C ≤ TA ≤ 85°C for I grades, unless otherwise noted.
LT2078AI/LT2079AI
LT2078I/LT2079I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT2078
q
70
250
95
370
µV
LT2079
q
80
280
100
400
µV
∆VOS
Input Offset Voltage Drift
LT2078
q
0.4
1.8
0.5
2.5
µV/°C
∆T
(Note 5)
LT2079
q
0.6
3.0
0.6
3.5
µV/°C
IOS
Input Offset Current
q
0.07
0.70
0.1
1.0
nA
IB
Input Bias Current
q
710
7
12
nA
CMRR
Common Mode Rejection Ratio
VCM = 0.05V to 3.2V
q
90
106
86
104
dB
PSRR
Power Supply Rejection Ratio
VS = 3.1V to 12V
q
96
110
92
110
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 4V, No Load
q
110
600
80
600
V/mV
VO = 0.05V to 3.5V, RL = 50k
q
80
400
60
400
V/mV
Maximum Output Voltage
Output Low, No Load
q
4.5
8
4.5
8
mV
Swing
Output Low, ISINK = 100µA
q
125
170
125
170
mV
Output High, No Load
q
3.9
4.2
3.9
4.2
V
Output High, 2k to GND
q
3.0
3.7
3.0
3.7
V
IS
Supply Current per Amplifier
q
43
60
45
70
µA
LT2078AC/LT2079AC
LT2078C/LT2079C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT2078
q
50
150
60
240
µV
LT2079
q
60
180
70
270
µV
∆VOS
Input Offset Voltage Drift
LT2078
q
0.4
1.8
0.5
2.5
µV/°C
∆T
(Note 5)
LT2079
q
0.5
3.0
0.6
3.5
µV/°C
IOS
Input Offset Current
q
0.06
0.35
0.06
0.50
nA
IB
Input Bias Current
q
69
6
11
nA
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.4V
q
92
108
88
106
dB
PSRR
Power Supply Rejection Ratio
VS = 2.6V to 12V
q
98
112
95
112
dB
VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, 0°C ≤ TA ≤ 70°C, unless otherwise noted (Note 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com