Electronic Components Datasheet Search
  English  ▼

X  

LT2078 Datasheet(PDF) 9 Page - Linear Technology

Part # LT2078
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2078 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT2078 Datasheet HTML 5Page - Linear Technology LT2078 Datasheet HTML 6Page - Linear Technology LT2078 Datasheet HTML 7Page - Linear Technology LT2078 Datasheet HTML 8Page - Linear Technology LT2078 Datasheet HTML 9Page - Linear Technology LT2078 Datasheet HTML 10Page - Linear Technology LT2078 Datasheet HTML 11Page - Linear Technology LT2078 Datasheet HTML 12Page - Linear Technology LT2078 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT 2078/LT 2079
SCHEMATIC
SI PLIFIED
1/2 LT2078, 1/4 LT2079
10k
10k
2.2k
5.6k
Q5
Q6
Q11
600
Ω
600
Ω
Q1
Q21
Q2
Q22
Q9
C2
175pF
6.2k
Q7
Q28
4
1
Q12
Q3
Q16
Q14
Q29
Q4
Q24
8.6k
C1
50pF
C5
2.5pF
Q27
V+
Q10 Q17
Q8
6.2k
Q19
Q18
Q15
Q32
1.3k
3.6k
Q37
Q30
1
3
Q25
C4
4pF
2.9k
3k
Q31
C3
40pF
Q23
Q20
1.35k
30
Ω
Q34
Q36
OUT
Q26
30
Ω
Q35
5k
Q54
1
1
2
150k
Q33
10k
V+
Q38
5.35k
Q45
Q55
Q51
Q42
Q44
V+
V–
Q46
Q47
11.5k
V+
12.5k
Q40
Q41
Q48
9.1k
Q43
V–
700k
700k
LT2078/79 • SIMPLIFIED SCHEM
IN–
IN+
Q50
Q49
J1
Q39
Q53
Q52
4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com