Electronic Components Datasheet Search
  English  ▼

X  

LT2078 Datasheet(PDF) 14 Page - Linear Technology

Part # LT2078
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2078 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT2078 Datasheet HTML 8Page - Linear Technology LT2078 Datasheet HTML 9Page - Linear Technology LT2078 Datasheet HTML 10Page - Linear Technology LT2078 Datasheet HTML 11Page - Linear Technology LT2078 Datasheet HTML 12Page - Linear Technology LT2078 Datasheet HTML 13Page - Linear Technology LT2078 Datasheet HTML 14Page - Linear Technology LT2078 Datasheet HTML 15Page - Linear Technology LT2078 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT2078/LT 2079
TYPICAL APPLICATIONS
Single Supply, Micropower, Second Order Lowpass Filter with 60Hz Notch
–
+
+
–
6
5
7
1/2 LT2078
2.64M
0.1%
2.64M
0.1%
1/2 LT2078
3
2
1
OUTPUT
TYPICAL OFFSET
≈ 600µV
LT2078/79 • TA10
5V
8
4
1.35M
0.1%
IN
2000pF
0.5%
1000pF
0.5%
1000pF
0.5%
0.02
µF
5.1M
1%
120k
5%
100pF
0.01
µF
27.6k
0.1%
27.6k
0.1%
fC = 40Hz
Q = 30
Micropower Multiplier/Divider
6
5
13
12
1/4 LT2079
4
11
714
2
3
1/4 LT2079
1
9
10
1/4 LT2079
8
–1.5V TO –9V
9V
505k
0.1%
505k
0.1%
505k
0.1%
220pF
220pF
30k
5%
30k
5%
Q1
220pF
30k
5%
Y INPUT
(5mV TO 50V)
X INPUT
(5mV TO 50V)
Q2
Q4
499k
0.5%
10k
GAIN
Z INPUT
(5mV TO 50V)
OUTPUT
(5mV TO 8V)
1/4 LT2079
Q1,Q2, Q3, Q4 = MAT-04
TYPICAL LINEARITY = 0.01% OF FULL-SCALE OUTPUT
Q3
OUTPUT =
, POSITIVE INPUTS ONLY
(X)(Y)
(Z)
NEGATIVE SUPPLY CURRENT = 165
µA +
X + Y+ Z + OUT
500k
POSITIVE SUPPLY CURRENT = 165
µA +
BANDWIDTH (< 3VP-P SIGNAL): X AND Y INPUTS = 10kHz
Z INPUT = 4kHz
OUT
500k
lt2078/79 • TA11
Micropower Dead Zone Generator
2
3
1
1/4 LT2079
510k
1M**
1M**
1M*
Q1
2N4393
6
5
7
1/4 LT2079
9
10
8
1/4 LT2079
13
12
14
1/4 LT2079
1M**
Q4
Q2
Q3
470k
1M*
GAIN
200k
510k
1M**
510k
4
11
9V
1M
1M
680k
1M
1N914
1N914
Q5
–9V
Q6
2N4393
1000pF
VSET
DEAD ZONE
CONTROL INPUT
0.4V TO 5V
VOUT
LT2078/79 • TA12
BIPOLAR SYMMETRY IS EXCELLENT
BECAUSE ONE DEVICE, Q2,
SETS BOTH LIMITS
SUPPLY CURRENT
≈ 240µA
BANDWIDTH = 150kHz
INPUT
*
**
1% FILM
RATIO MATCH 0.05%
Q2, Q3, Q4, Q5 CA3096 TRANSISTOR ARRAY
VSET
VSET
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com