Electronic Components Datasheet Search
  English  ▼

X  

UPD75512 Datasheet(PDF) 8 Page - NEC

Part # UPD75512
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75512 Datasheet(HTML) 8 Page - NEC

Back Button UPD75512 Datasheet HTML 4Page - NEC UPD75512 Datasheet HTML 5Page - NEC UPD75512 Datasheet HTML 6Page - NEC UPD75512 Datasheet HTML 7Page - NEC UPD75512 Datasheet HTML 8Page - NEC UPD75512 Datasheet HTML 9Page - NEC UPD75512 Datasheet HTML 10Page - NEC UPD75512 Datasheet HTML 11Page - NEC UPD75512 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
µPD75512(A)
8
3.
PIN FUNCTIONS
3.1
PORT PINS (1/2)
Input/
Pin
Input/
Shared
Function
8-bit
When Reset
Output
Name
Output
Pin
I/O
Circuit
Type*
P00
INT4
4-bit input port (PORT0).
B
For P01 to P03, built-in pull-up
P01
SCK0
resistors can be specified in 3-bit
F -A
Input
units by software.
x
Input
P02
SO0/SB0
F -B
P03
SI0/SB1
M -C
P10
INT0
With noise
elimination function
P11
INT1
Input
4-bit input port (PORT1).
x
Input
B -C
P12
INT2
Built-in pull-up resistors can be
specified by software in 4-bit units.
P13
TI0
P20
PTO0
4-bit input/output port (PORT2).
P21
Input/
—
Built-in pull-up resistors can be
output
specified by software in 4-bit units.
x
Input
E-B
P22
PCL
P23
BUZ
P30
—
Programmable 4-bit input/output
port (PORT3).
P31
Input/
—
Input/output can be specified in
output
bit units.
x
Input
E-C
P32
—
Built-in pull-up resistors can be
specified by software in 4-bit unit.
P33
—
N-ch open-drain 4-bit input/output
High level
port (PORT4).
(when pull-up
P40 to
Input/
—
A pull-up resistor can be provided
resistor is
M
P43
output
in bit units (mask option).
provided) or
10V withstanding voltage in the
high impedance
open-drain mode.
O
N-ch open-drain 4-bit input/output
High level
port (PORT5).
(when pull-up
P50 to
Input/
—
A pull-up resistor can be provided
resistor is
M
P53
output
in bit units (mask option).
provided) or
10V withstanding voltage in the
high impedance
open-drain mode.
P60
KR0
Programmable 4-bit input/ output
port (PORT6).
P61
Input/
KR1
Input/output can be specified in
output
bit units.
O
Input
F -C
P62
KR2
Built-in pull-up resistors can be
specified by software in 4-bit units.
P63
KR3
*: The number enclosed with a circle indicates Schmitt trigger input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com