Electronic Components Datasheet Search
  English  ▼

X  

UPD75512 Datasheet(PDF) 1 Page - NEC

Part # UPD75512
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75512 Datasheet(HTML) 1 Page - NEC

  UPD75512 Datasheet HTML 1Page - NEC UPD75512 Datasheet HTML 2Page - NEC UPD75512 Datasheet HTML 3Page - NEC UPD75512 Datasheet HTML 4Page - NEC UPD75512 Datasheet HTML 5Page - NEC UPD75512 Datasheet HTML 6Page - NEC UPD75512 Datasheet HTML 7Page - NEC UPD75512 Datasheet HTML 8Page - NEC UPD75512 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
The mark 5 shows major revised points.
DESCRIPTION
The
µPD75512(A) is a 4-bit single-chip microcomputer which employs 75X series architecture, and its
performance is comparable to that of an 8-bit microcomputer.
In addition to its high-speed processing capabilities, the
µPD75512(A) is also capable of processing data in
units of 1, 4, or in 8-bits. With its internally provided A/D converter and serial interface, the
µPD75512(A) provides
the highest performance in its class.
Detailed functions are described in the following user‘s manual. Be sure to read it for designing.
µPD75516 User‘s Maual: IEM-5049
FEATURES
•
Higher reliability than
µPD75512
•
Adequate I/O lines: 64
(can be provided with pull-up/pull-down resistors: 47)
•
Built-in 8-bit serial interface: 2-ch
NEC standard serial bus interface (SBI) internally provided
•
Built-in 8-bit A/D converter: 8-ch
•
Variable instruction execution time function which is convenient for high-speed operation and power saving
· 0.95
µs/1.95 µs/15.3 µs (at 4.19 MHz operation),
· 122
µs (at 32.768 kHz operation)
•
Program memory (ROM) size: 12,160
× 8 bits
•
Data memory (RAM) size: 512
× 4 bits
•
High-performance timer function: 4-ch
· 8-bit timer/event counter
· Watch timer
· 8-bit basic interval timer
· Timer/pulse generator: Capable of outputting 14-bit PWM
•
Clock operation for reduced power consumption possible
(5
µA TYP. at 3 V operation)
•
PROM version (
µPD75P516) available
APPLICATIONS
Switable for automotive and transportation equipments, etc.
© NEC Corporation 1991
Document No.
IC-2815A
(O. D. No.
IC-8265A)
Date Published
January 1994 P
Printed in Japan
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD75512(A)
The information in this document is subject to change without notice.
4-BIT SINGLE-CHIP MICROCOMPUTER


Similar Part No. - UPD75512

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75512 RENESAS-UPD75512 Datasheet
586Kb / 70P
MOS INTEGRATED CIRCUIT
1990
UPD75512GF-XXX-3B9 RENESAS-UPD75512GF-XXX-3B9 Datasheet
586Kb / 70P
MOS INTEGRATED CIRCUIT
1990
More results

Similar Description - UPD75512

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com