Electronic Components Datasheet Search
  English  ▼

X  

UPD75512 Datasheet(PDF) 19 Page - NEC

Part # UPD75512
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75512 Datasheet(HTML) 19 Page - NEC

Back Button UPD75512 Datasheet HTML 15Page - NEC UPD75512 Datasheet HTML 16Page - NEC UPD75512 Datasheet HTML 17Page - NEC UPD75512 Datasheet HTML 18Page - NEC UPD75512 Datasheet HTML 19Page - NEC UPD75512 Datasheet HTML 20Page - NEC UPD75512 Datasheet HTML 21Page - NEC UPD75512 Datasheet HTML 22Page - NEC UPD75512 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
µPD75512(A)
19
5.
PERIPHERAL HARDWARE FUNCTIONS
5.1
PORT
I/O ports are classified into following kinds:
•
CMOS input (PORTS 0, 1, 8, 15)
: 16
•
CMOS input/output (PORTS 2, 3, 6, 7, 9, 10, 11)
: 28
•
N-ch open-drain input/output (PORTS 4, 5, 12, 13, 14)
: 20
Total
: 64
Table 5-1 Port Functions
Port
Function
Operation/Feature
Remarks
(Pin Name)
Also serves as the INT4, SCK0 ,
Can be read or tested regardless of the operation
SO0/SB0, and SI0/SB1 pins
4-bit input
mode of the shared pin.
Also serves as INT0 to 2, and
TIO pins
Can be specified for I/O in 4-bit units
Also serves as PTO0, PCL and
4-bit I/O
BUZ pins.
Can be specified for I/O in 1/4-bit units.
—
4-bit I/O
Whether or not the internal
(N-ch
Can be specifiedfor
pull-up resistor is provided
open-drain,
I/O in 4-bit units
can be specified for each bit
can sustain
by mask option
with 10V)
Can be specified
for I/O in 1/4-bit units
Ports 6 and 7 can
Also serves as KR0-3.
4-bit I/O
be paired to I/O
Can be specified
data in 8-bit units
I/O in 4-bit
Also serves as KR4-7.
units
4-bit
Can be read or tested regardless of the operation
Also serves as PPO, SCK1,
input
mode of the shared pin.
SO1, and SI1 pins.
Whether or not the internal
pull-up resistor is provided
can be specified for each bit
by mask option.
PORT10
4-bit I/O
Can be specified for I/O in 4-bit units.
—
PORT11
PORT12
4-bit I/O
Whether or not the internal
(N-ch
pull-up resistor is provided
PORT13
open-drain,
Can be specified for I/O in 4-bit units.
can be specified for each
can sustain
bit by mask option.
PORT14
with 10V)
PORT15
4-bit
Can be read or tested regardless of the operation
Also serves as AN4-7 pins.
Input
mode of the shared pins
PORT9
4-bit I/O
Can be specified for I/O in 4-bit units.
PORT8
PORT0
PORT1
PORT2
PORT4
PORT3
PORT5
PORT7
PORT6
Ports 4 and 5 can
be paired to I/O
data in 8-bit units
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com