Electronic Components Datasheet Search
  English  ▼

X  

LTC1068 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1068
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1068 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1068 Datasheet HTML 12Page - Linear Technology LTC1068 Datasheet HTML 13Page - Linear Technology LTC1068 Datasheet HTML 14Page - Linear Technology LTC1068 Datasheet HTML 15Page - Linear Technology LTC1068 Datasheet HTML 16Page - Linear Technology LTC1068 Datasheet HTML 17Page - Linear Technology LTC1068 Datasheet HTML 18Page - Linear Technology LTC1068 Datasheet HTML 19Page - Linear Technology LTC1068 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LTC1068 Series
APPLICATIONS INFORMATION
A Surface Mount Printed Circuit Layout
A very compact surface mount printed circuit layout can
be designed with 0603 size surface mount resistors,
capacitors and a 28-pin SSOP of the LTC1068 product
family. An example of a printed circuit layout is shown in
the folowing figures for an 8th order elliptic bandpass
filter. The total board area of this 8th order filter is 1" by
0.8". No attempt was made to design the smallest possible
printed circuit layout.
INV B
INV C
28
1
HPB/NB
HPC/NC
27
2
SB
NC
NC
SC
24
5
R21 4.99k
R22 4.99k
BPB
BPC
26
3
R31 24.9k
R32 107k
LPA
LPD
20
9
R43 43.2k
R44 17.4k
BPA
BPD
19
10
R33 59k
R34 63.4k
HPA/NA
HPD/ND
18
11
INV A
INV D
17
16
15
12
13
14
R23 4.99k
R24 7.5k
LPB
LPC
25
4
R41 20.5k
R51
4.99k
RH2 11.3k
R11 29.4k
VIN
R64 10k
R62 56.2k
RH1 28k
RH3 15.4k
VOUT
AGND
V–
23
6
V+
22
7
SA
SD
NC
NC
CLK
21
8
5V
–5V
1.75MHz
1068 TA07a
U1
LTC1068-25
C1
0.1
µF
C2
0.1
µF
R54
4.99k
R52
4.99k
RL3
45.3K
R61 11.3k
RL2 23.2k
70kHz Elliptic Bandpass Filter, fCENTER = fCLK/25 (Maximum fCENTER is 80kHz, VS = ±5V)
FREQUENCY (kHz)
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
40
60
70
1068 TA07b
30
50
80
90
100
Gain vs Frequency
FilterCAD Custom Inputs for fC = 70kHz
2nd ORDER SECTION
fO (kHz)
Q
fN (kHz)
TYPE
MODE
B
67.7624
5.7236
58.3011
HPN
2b
C
67.0851
20.5500
81.6810
LPN
1bn
A
73.9324
15.1339
81.0295
LPN
2n
D
73.3547
16.3491
BP
2b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com