Electronic Components Datasheet Search
  English  ▼

X  

LTC1068 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1068
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1068 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1068 Datasheet HTML 2Page - Linear Technology LTC1068 Datasheet HTML 3Page - Linear Technology LTC1068 Datasheet HTML 4Page - Linear Technology LTC1068 Datasheet HTML 5Page - Linear Technology LTC1068 Datasheet HTML 6Page - Linear Technology LTC1068 Datasheet HTML 7Page - Linear Technology LTC1068 Datasheet HTML 8Page - Linear Technology LTC1068 Datasheet HTML 9Page - Linear Technology LTC1068 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LTC1068 Series
ELECTRICAL CHARACTERISTICS
Table 1. Output DC Offsets One 2nd Order Section
MODE
VOSN
VOSBP
VOSLP
1VOS1[(1/Q) + 1 + ||HOLP||] – VOS3/Q
VOS3
VOSN – VOS2
1b
VOS1[(1/Q) + 1 + R2/R1] – VOS3/Q
VOS3
~(VOSN – VOS2)(1 + R5/R6)
2[VOS1(1 + R2/R1 + R2/R3 + R2/R4) – VOS3(R2/R3)X
VOS3
VOSN – VOS2
[R4/(R2 + R4)] + VOS2[R2/(R2 + R4)]
3VOS2
VOS3
VOS1[1 + R4/R1 + R4/R2 + R4/R3] – VOS2(R4/R2) – VOS3(R4/R3)
LTC1068
Maximum Q vs Center Frequency
(Modes 1, 1b, 2)
CENTER FREQUENCY, fO (kHz)
0
AB
C
0
5
15
20
25
50
35
20
40
50
1068 G01
10
40
45
30
10
30
60
70
A. VS = 3.3V, fCLK(MAX) = 1.5MHz
B. VS = 5V, fCLK(MAX) = 3.4MHz
C. VS = ±5V, fCLK(MAX) = 5.6MHz
(FOR MODE 2 R4
≥ 10R2)
LTC1068-200
Maximum Q vs Center Frequency
(Modes 1, 1b, 2)
CENTER FREQUENCY, fO (kHz)
0
A
BC
55
50
45
40
35
30
25
20
15
10
5
0
8
16
20
24
1068 G03
4
12
28
32
A: VS = 3.3V, fCLK(MAX) = 1.2MHz
B: VS = 5V, fCLK(MAX) = 3.2MHz
C: VS = ±5V, fCLK(MAX) = 6.1MHz
(FOR MODE 2, R4
≥ 10R2)
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1068
Maximum Q vs Center Frequency
(Modes 2, 3)
CENTER FREQUENCY, fO (kHz)
0
AB
C
0
5
15
20
25
50
35
20
40
50
1068 G02
10
40
45
30
10
30
60
A. VS = 3.3V, fCLK(MAX) = 1MHz
B. VS = 5V, fCLK(MAX) = 3MHz
C. VS = ±5V, fCLK(MAX) = 5MHz
(FOR MODE 2 R4 < 10R2)
LTC1068-25 (Complete Filter) VS = ±5V, TA = 25°V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Offset Voltage (Note 5)
VS = ±5V, fCLK = 1MHz, VOS1
q
0
±15
mV
(See Table 1)
(DC Offset of Input Inverter)
VS = ±5V, fCLK = 1MHz, VOS2
q
–2
±25
mV
(DC Offset of First Integrator)
VS = ±5V, fCLK = 1MHz, VOS3
q
–5
±40
mV
(DC Offset of Second Integrator)
Clock Feedthrough
VS = ±5V, fCLK = 1MHz
0.25
mVRMS
Max Clock Frequency (Note 6)
VS = ±5V, Q ≤ 1.6, Mode 1
5.6
MHz
Power Supply Current
VS = 3.14V, fCLK = 1MHz (Note 2)
q
3.5
8
mA
VS = 4.75V, fCLK = 1MHz (Note 3)
q
6.5
11
mA
VS = ±5V, fCLK = 1MHz
q
9.5
15
mA
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Production testing for single 3.14V supply is achieved by
using the equivalent dual supplies of
±1.57V.
Note 3: Production testing for single 4.75V supply is achieved by
using the equivalent dual supplies of
±2.375V.
Note 4: Pin 7 (AGND) is the internal analog ground of the device. For
single supply applications this pin should be bypassed with a 1
µF
capacitor. The biasing voltage of AGND is set with an internal resistive
divider from Pin 8 to Pin 23 (see Block Diagram).
Note 5: Side D is guaranteed by design.
Note 6: See Typical Performance Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com