Electronic Components Datasheet Search
  English  ▼

X  

LTC1068 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1068
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1068 Datasheet(HTML) 5 Page - Linear Technology

  LTC1068 Datasheet HTML 1Page - Linear Technology LTC1068 Datasheet HTML 2Page - Linear Technology LTC1068 Datasheet HTML 3Page - Linear Technology LTC1068 Datasheet HTML 4Page - Linear Technology LTC1068 Datasheet HTML 5Page - Linear Technology LTC1068 Datasheet HTML 6Page - Linear Technology LTC1068 Datasheet HTML 7Page - Linear Technology LTC1068 Datasheet HTML 8Page - Linear Technology LTC1068 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1068 Series
ELECTRICAL CHARACTERISTICS
LTC1068-50 (Complete Filter) VS = ±5V, TA = 25°V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fO Temperature Coefficient
±1
ppm/
°C
Q Temperature Coefficient
±5
ppm/
°C
DC Offset Voltage (Note 5)
VS = ±5V, fCLK = 500kHz, VOS1
q
0
±15
mV
(See Table 1)
(DC Offset of Input Inverter)
VS = ±5V, fCLK = 500kHz, VOS2
q
–2
±25
mV
(DC Offset of First Integrator)
VS = ±5V, fCLK = 500kHz, VOS3
q
–5
±40
mV
(DC Offset of Second Integrator)
Clock Feedthrough
VS = ±5V, fCLK = 500kHz
0.16
mVRMS
Max Clock Frequency (Note 6)
VS = ±5V, Q ≤ 1.6, Mode 1
3.4
MHz
Power Supply Current
VS = 3.14V, fCLK = 250kHz (Note 2)
q
3.0
5
mA
VS = 4.75V, fCLK = 250kHz (Note 3)
q
4.3
8
mA
VS = ±5V, fCLK = 500kHz
q
6.0
11
mA
LTC1068-25 (Internal Op Amps) VS = ±5V, TA = 25°V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
3.14
±5.5
V
Voltage Swings
VS = 3.14V, RL = 5k (Note 2)
q
1.2
1.6
VP-P
VS = 4.75V, RL = 5k (Note 3)
q
2.6
3.4
VP-P
VS = ±5V, RL = 5k
q
±3.4
±4.1
V
Output Short-Circuit Current (Source/Sink)
VS = ±4.75V
17/6
mA
VS = ±5V
20/15
mA
DC Open-Loop Gain
RL = 5k
85
dB
GBW Product
VS = ±5V
6
MHz
Slew Rate
VS = ±5V
10
V/
µs
Analog Ground Voltage (Note 4)
VS = 5V, Voltage at AGND
2.5V
±2%
V
LTC1068-25 (Complete Filter) VS = ±5V, TA = 25°V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Clock-to-Center Frequency Ratio (Note 5)
VS = 4.75V, fCLK = 500kHz, Mode 1 (Note 3),
25
±0.3
25
±0.8
%
fO = 20kHz, Q = 5, VIN = 0.5VRMS,
q
25
±0.9
%
R1 = R3 = 49.9k, R2 = 10k
VS = ±5V, fCLK = 1MHz, Mode 1,
25
±0.3
25
±0.8
%
fO = 40kHz, Q = 5, VIN = 1VRMS,
q
25
±0.9
%
R1 = R3 = 49.9k, R2 = 10K
Clock-to-Center Frequency Ratio,
VS = 4.75V, fCLK = 500kHz, Q = 5 (Note 3)
q
±0.25
±0.9
%
Side-to-Side Matching (Note 5)
VS = ±5V, fCLK = 1MHz, Q = 5
q
±0.25
±0.9
%
Q Accuracy (Note 5)
VS = 4.75V, fCLK = 500kHz, Q = 5 (Note 3)
q
±1
±3%
VS = ±5V, fCLK = 1MHz, Q = 5
q
±1
±3%
fO Temperature Coefficient
±1
ppm/
°C
Q Temperature Coefficient
±5
ppm/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com