Electronic Components Datasheet Search
  English  ▼

X  

LTC1068 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1068
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1068 Datasheet(HTML) 2 Page - Linear Technology

  LTC1068 Datasheet HTML 1Page - Linear Technology LTC1068 Datasheet HTML 2Page - Linear Technology LTC1068 Datasheet HTML 3Page - Linear Technology LTC1068 Datasheet HTML 4Page - Linear Technology LTC1068 Datasheet HTML 5Page - Linear Technology LTC1068 Datasheet HTML 6Page - Linear Technology LTC1068 Datasheet HTML 7Page - Linear Technology LTC1068 Datasheet HTML 8Page - Linear Technology LTC1068 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1068 Series
A
G
A
U
A
R
BSOLUTEXI
TI
S
Total Supply Voltage (V+ to V –) .............................. 12V
Power Dissipation ............................................. 500mW
Input Voltage at Any Pin .... V – – 0.3V
≤ VIN ≤ V+ + 0.3V
Storage Temperature Range ................. – 65
°C to 150°C
Operating Temperature Range
LTC1068C ................................................ 0
°C to 70°C
LTC1068I ........................................... – 40
°C to 85°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
INV B
HPB/NB
BPB
LPB
SB
NC
AGND
V +
NC
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V –
NC
CLK
NC
SD
LPD
BPD
HPD/ND
INV D
Consult factory for Military grade parts.
TJMAX = 110°C, θJA = 95°C/W
LTC1068CN
LTC1068IN
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
SD
LPD
BPD
HPD/ND
INV D
N PACKAGE
24-LEAD PDIP
TJMAX = 110°C, θJA = 65°C/W
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1068CG
LTC1068CG-200
LTC1068CG-50
LTC1068CG-25
LTC1068IG
LTC1068IG-200
LTC1068IG-50
LTC1068IG-25
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS LTC1068 (Internal Op Amps) VS = ±5V, TA = 25°V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
3.14
±5.5
V
Voltage Swings
VS = 3.14V, RL = 5k (Note 2)
q
1.2
1.6
VP-P
VS = 4.75V, RL = 5k (Note 3)
q
2.6
3.2
VP-P
VS = ±5V, RL = 5k
q
±3.4
±4.1
V
Output Short-Circuit Current (Source/Sink)
VS = ±4.75V
17/6
mA
VS = ±5V
20/15
mA
DC Open-Loop Gain
RL = 5k
85
dB
GBW Product
VS = ±5V
6
MHz
Slew Rate
VS = ±5V
10
V/
µs
Analog Ground Voltage (Note 4)
VS = 5V, Voltage at AGND
2.5V
±2%
V
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com