Electronic Components Datasheet Search
  English  ▼

X  

LT1228 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1228
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228 Datasheet(HTML) 1 Page - Linear Technology

  LT1228 Datasheet HTML 1Page - Linear Technology LT1228 Datasheet HTML 2Page - Linear Technology LT1228 Datasheet HTML 3Page - Linear Technology LT1228 Datasheet HTML 4Page - Linear Technology LT1228 Datasheet HTML 5Page - Linear Technology LT1228 Datasheet HTML 6Page - Linear Technology LT1228 Datasheet HTML 7Page - Linear Technology LT1228 Datasheet HTML 8Page - Linear Technology LT1228 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT1228
1
1228fd
TYPICAL APPLICATION
FEATURES
DESCRIPTION
100MHz Current Feedback
Amplifier with DC Gain Control
The LT®1228 makes it easy to electronically control the
gain of signals from DC to video frequencies. The LT1228
implements gain control with a transconductance ampli-
fier (voltage to current) whose gain is proportional to an
externally controlled current. A resistor is typically used
to convert the output current to a voltage, which is then
amplified with a current feedback amplifier. The LT1228
combines both amplifiers into an 8-pin package, and oper-
ates on any supply voltage from 4V (±2V) to 30V (±15V).
A complete differential input, gain controlled amplifier can
be implemented with the LT1228 and just a few resistors.
TheLT1228transconductanceamplifierhasahighimped-
ancedifferentialinputandacurrentsourceoutputwithwide
output voltage compliance. The transconductance, gm, is
setbythecurrentthatflowsintoPin5,ISET.Thesmallsignal
gmisequaltotentimesthevalueofISETandthisrelationship
holds over several decades of set current. The voltage at
Pin 5 is two diode drops above the negative supply, Pin 4.
The LT1228 current feedback amplifier has very high input
impedanceandthereforeitisanexcellentbufferfortheout-
putofthetransconductanceamplifier.Thecurrentfeedback
amplifiermaintainsitswidebandwidthoverawiderangeof
voltage gains making it easy to interface the transconduc-
tance amplifier output to other circuitry. The current feed-
back amplifier is designed to drive low impedance loads,
suchascables,withexcellentlinearityathighfrequencies.
APPLICATIONS
n
Very Fast Transconductance Amplifier
Bandwidth: 75MHz
gm = 10 × ISET
Low THD: 0.2% at 30mVRMS Input
Wide ISET Range: 1µA to 1mA
n
Very Fast Current Feedback Amplifier
Bandwidth: 100MHz
Slew Rate: 1000V/µs
Output Drive Current: 30mA
Differential Gain: 0.04%
Differential Phase: 0.1°
High Input Impedance: 25MΩ, 6pF
n
Wide Supply Range: ±2V to ±15V
n
Inputs Common Mode to Within 1.5V of Supplies
n
Outputs Swing Within 0.8V of Supplies
n
Supply Current: 7mA
n
Available in 8-Lead PDIP and SO Packages
n
Video DC Restore (Clamp) Circuits
n
Video Differential Input Amplifiers
n
Video Keyer/Fader Amplifiers
n
AGC Amplifiers
n
Tunable Filters
n
Oscillators
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
LT1228 • TA01
–
+
–
+
+
R3A
10k
R2A
10k
R3
100Ω
R2
100Ω
4.7µF
R4
1.24k
R6
6.19k
R5
10k
ISET
R1
270Ω
RG
10Ω
RF
470Ω
4.7µF
15V
gm
CFA
VOUT
1
8
6
3
2
7
5
4
–15V
+
–
VIN
HIGH INPUT RESISTANCE
EVEN WHEN POWER IS OFF
–18dB < GAIN < 2dB
VIN ≤ 3VRMS
FREQUENCY (Hz)
100k
–24
–15
–3
3
6
1M
10M
100M
LT1228 • TA02
0
–6
–9
–12
–18
–21
ISET = 100µA
VS = ±15V
RL = 100
ISET = 1mA
ISET = 300µA
Differential Input Variable Gain Amp
Frequency Response


Similar Part No. - LT1228

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1228 LINER-LT1228 Datasheet
435Kb / 20P
100MHz Current Feedback Amplifier with DC Gain Control
LT1228 LINER-LT1228 Datasheet
402Kb / 20P
100MHz Current Feedback Amplifier with DC Gain Control
LT1228 LINER-LT1228 Datasheet
666Kb / 22P
100MHz Current Feedback
LT1228C LINER-LT1228C Datasheet
435Kb / 20P
100MHz Current Feedback Amplifier with DC Gain Control
LT1228CJ8 LINER-LT1228CJ8 Datasheet
435Kb / 20P
100MHz Current Feedback Amplifier with DC Gain Control
More results

Similar Description - LT1228

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
January 1999
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
100MHz Current Feedback Amplifier
LT1228 LINER-LT1228 Datasheet
435Kb / 20P
100MHz Current Feedback Amplifier with DC Gain Control
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
100MHz Current Feedback Amplifier
January 1996
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
logo
Linear Technology
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
100MHz Current Feedback Amplifier
LT1228 LINER-LT1228_07 Datasheet
402Kb / 20P
100MHz Current Feedback Amplifier with DC Gain Control
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com