Electronic Components Datasheet Search
  English  ▼

X  

LT1228 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1228
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228 Datasheet(HTML) 3 Page - Linear Technology

  LT1228 Datasheet HTML 1Page - Linear Technology LT1228 Datasheet HTML 2Page - Linear Technology LT1228 Datasheet HTML 3Page - Linear Technology LT1228 Datasheet HTML 4Page - Linear Technology LT1228 Datasheet HTML 5Page - Linear Technology LT1228 Datasheet HTML 6Page - Linear Technology LT1228 Datasheet HTML 7Page - Linear Technology LT1228 Datasheet HTML 8Page - Linear Technology LT1228 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LT1228
3
1228fd
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Current Feedback Amplifier, Pins 1, 6, 8. ±5V ≤ VS ≤ ±15V, ISET = 0µA,
VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RIN
Input Resistance
VIN = ±13V, VS = ±15V
VIN = ±3V, VS = ±5V
l
l
2
2
25
25
MΩ
MΩ
CIN
Input Capacitance (Note 3)
VS = ±5V
6
pF
Input Voltage Range
VS = ±15V, TA = 25°C
l
±13
±12
±13.5
V
V
VS = ±5V, TA = 25°C
l
±3
±2
±3.5
V
V
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±13V, TA = 25°C
VS = ±15V, VCM = ±12V
VS = ±5V, VCM = ±3V, TA = 25°C
VS = ±5V, VCM = ±2V
l
l
55
55
55
55
69
69
dB
dB
dB
dB
Inverting Input Current Common
Mode Rejection
VS = ±15V, VCM = ±13V, TA = 25°C
VS = ±15V, VCM = ±12V
VS = ±5V, VCM = ±3V, TA = 25°C
VS = ±5V, VCM = ±2V
l
l
2.5
2.5
10
10
10
10
µA/V
µA/V
µA/V
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±15V, TA = 25°C
VS = ±3V to ±15V
l
60
60
80
dB
dB
Noninverting Input Current Power
Supply Rejection
VS = ±2V to ±15V, TA = 25°C
VS = ±3V to ±15V
l
10
50
50
nA/V
nA/V
Inverting Input Current Power Supply
Rejection
VS = ±2V to ±15V, TA = 25°C
VS = ±3V to ±15V
l
0.1
5
5
µA/V
µA/V
AV
Large-Signal Voltage Gain
VS = ±15V, VOUT = ±10V, RLOAD = 1k
VS = ±5V, VOUT = ±2V, RLOAD = 150Ω
l
l
55
55
65
65
dB
dB
ROL
Transresistance, ∆VOUT/∆IIN–
VS = ±15V, VOUT = ±10V, RLOAD = 1k
VS = ±5V, VOUT = ±2V, RLOAD = 150Ω
l
l
100
100
200
200
kΩ
kΩ
VOUT
Maximum Output Voltage Swing
VS = ±15V, RLOAD = 400Ω, TA = 25°C
l
±12
±10
±13.5
V
V
VS = ±5V, RLOAD = 150Ω, TA = 25°C
l
±3
±2.5
±3.7
V
V
IOUT
Maximum Output Current
RLOAD = 0Ω, TA = 25°C
l
30
25
65
125
125
mA
mA
IS
Supply Current
VOUT = 0V, ISET = 0V
l
6
11
mA
SR
Slew Rate (Notes 4 and 6)
TA = 25°C
300
500
V/µs
SR
Slew Rate
VS = ±15V, RF = 750Ω, RG = 750Ω, RL = 400Ω
3500
V/µs
tr
Rise Time (Notes 5 and 6)
TA = 25°C
10
20
ns
BW
Small-Signal Bandwidth
VS = ±15V, RF = 750Ω, RG = 750Ω, RL = 100Ω
100
MHz
tr
Small-Signal Rise Time
VS = ±15V, RF = 750Ω, RG = 750Ω, RL = 100Ω
3.5
ns
Propagation Delay
VS = ±15V, RF = 750Ω, RG = 750Ω, RL = 100Ω
3.5
ns
Small-Signal Overshoot
VS = ±15V, RF = 750Ω, RG = 750Ω, RL = 100Ω
15
%
tS
Settling Time
0.1%, VOUT = 10V, RF =1k, RG = 1k, RL =1k
45
ns
Differential Gain (Note 7)
VS = ±15V, RF = 750Ω, RG = 750Ω, RL = 1k
0.01
%
Differential Phase (Note 7)
VS = ±15V, RF = 750Ω, RG = 750Ω, RL = 1k
0.01
DEG
Differential Gain (Note 7)
VS = ±15V, RF = 750Ω, RG = 750Ω, RL = 150Ω
0.04
%
Differential Phase (Note 7)
VS = ±15V, RF = 750Ω, RG = 750Ω, RL = 150Ω
0.1
DEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com