Electronic Components Datasheet Search
  English  ▼

X  

LT1228 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1228
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1228 Datasheet HTML 9Page - Linear Technology LT1228 Datasheet HTML 10Page - Linear Technology LT1228 Datasheet HTML 11Page - Linear Technology LT1228 Datasheet HTML 12Page - Linear Technology LT1228 Datasheet HTML 13Page - Linear Technology LT1228 Datasheet HTML 14Page - Linear Technology LT1228 Datasheet HTML 15Page - Linear Technology LT1228 Datasheet HTML 16Page - Linear Technology LT1228 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LT1228
13
1228fd
APPLICATIONS INFORMATION
Capacitive Loads
TheLT1228currentfeedbackamplifiercandrivecapacitive
loadsdirectlywhenthepropervalueoffeedbackresistoris
used.ThegraphofMaximumCapacitiveLoadvsFeedback
Resistor should be used to select the appropriate value.
The value shown is for 5dB peaking when driving a 1k
load, at a gain of 2. This is a worst case condition, the
amplifierismorestableathighergains,anddrivingheavier
loads. Alternatively, a small resistor (10Ω to 20Ω) can be
put in series with the output to isolate the capacitive load
from the amplifier output. This has the advantage that the
amplifier bandwidth is only reduced when the capacitive
load is present and the disadvantage that the gain is a
function of the load resistance.
Slew Rate
The slew rate of the current feedback amplifier is not inde-
pendent of the amplifier gain configuration the way it is in
a traditional op amp. This is because the input stage and
the output stage both have slew rate limitations. The input
stage of the LT1228 current feedback amplifier slews at
about 100V/µs before it becomes nonlinear. Faster input
signalswillturnonthenormallyreversebiasedemitterson
theinputtransistorsandenhancetheslewratesignificantly.
This enhanced slew rate can be as much as 3500V/µs!
Current Feedback Amp Large-Signal Response
VS = ±15V, RF = RG = 750Ω Slew Rate Enhanced
The output slew rate is set by the value of the feedback
resistors and the internal capacitance. At a gain of ten with
a 1k feedback resistor and ±15V supplies, the output slew
rate is typically 500V/µs and –850V/µs. There is no input
stage enhancement because of the high gain. Larger feed-
back resistors will reduce the slew rate as will lower supply
voltages, similar to the way the bandwidth is reduced.
Current Feedback Amp Large-Signal Response
VS = ±15V, RF = 1k, RG = 110Ω, RL = 400Ω
Settling Time
The characteristic curves show that the LT1228 current
feedback amplifier settles to within 10mV of final value
in 40ns to 55ns for any output step less than 10V. The
curve of settling to 1mV of final value shows that there
is a slower thermal contribution up to 20µs. The thermal
settling component comes from the output and the input
stage. The output contributes just under 1mV/V of output
changeandtheinputcontributes300µV/Vofinputchange.
Fortunately the input thermal tends to cancel the output
thermal. For this reason the noninverting gain of two
configuration settles faster than the inverting gain of one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com