Electronic Components Datasheet Search
  English  ▼

X  

LT1228 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1228
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228 Datasheet(HTML) 5 Page - Linear Technology

  LT1228 Datasheet HTML 1Page - Linear Technology LT1228 Datasheet HTML 2Page - Linear Technology LT1228 Datasheet HTML 3Page - Linear Technology LT1228 Datasheet HTML 4Page - Linear Technology LT1228 Datasheet HTML 5Page - Linear Technology LT1228 Datasheet HTML 6Page - Linear Technology LT1228 Datasheet HTML 7Page - Linear Technology LT1228 Datasheet HTML 8Page - Linear Technology LT1228 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LT1228
5
1228fd
TYPICAL PERFORMANCE CHARACTERISTICS
Total Harmonic Distortion
vs Input Voltage
Spot Output Noise Current
vs Frequency
Input Common Mode Limit
vs Temperature
Small-Signal Control Path
Bandwidth vs Set Current
Small-Signal Control Path
Gain vs Input Voltage
Output Saturation Voltage
vs Temperature
Small-Signal Bandwidth
vs Set Current
Small-Signal Transconductance
and Set Current vs Bias Voltage
Small-Signal Transconductance
vs DC Input Voltage
Transconductance Amplifier, Pins 1, 2, 3, 5
SET CURRENT (µA)
10
0.1
1
10
100
100
1000
LT1228 • TPC01
R1 = 100k
R1 = 10k
R1 = 1k
R1 = 100
VS = ±15V
BIAS VOLTAGE, PIN 5 TO 4, (V)
0.01
0.1
1
10
100
0.9
1.2
1.3
1.5
LT1228 • TPC02
0.001
1.0
1.1
1.4
VS = ±2V TO ±15V
TA = 25°C
1.0
10
100
1000
10000
0.1
INPUT VOLTAGE (mVDC)
–200
0
0.2
0.4
1.4
2.0
–150 –100 –50
200
LT1228 • TPC03
0
100 150
1.8
1.6
1.2
0.6
0.8
–55°C
VS = ±2V TO ±15V
ISET = 100µA
50
1.0
25°C
125°C
INPUT VOLTAGE (mVP–P)
1
0.01
0.1
1
10
10
1000
LT1228 • TPC04
ISET = 100µA
VS = ±15V
ISET = 1mA
100
FREQUENCY (Hz)
10
10
100
1000
1k
100k
LT1228 • TPC05
VS = ±2V TO ±15V
TA = 25°C
100
10k
ISET = 1mA
ISET = 100µA
TEMPERATURE (°C)
–50
V–
0.5
1.0
–1.5
V+
–25
0
25
125
LT1228 • TPC06
50
75
100
–0.5
–1.0
–2.0
1.5
2.0
V– = –2V TO –15V
V+ = 2V TO 15V
SET CURRENT (µA)
10
1
10
100
100
1000
LT1228 • TPC07
VS = ±2V TO ±15V
VIN = 200mV
(PIN 2 TO 3)
∆IOUT
∆ISET
INPUT VOLTAGE, PIN 2 TO 3, (mVDC)
0
0
1.0
120
200
LT1228 • TPC08
∆IOUT
∆ISET
40
80
160
0.2
0.4
0.6
0.8
0.9
0.7
0.5
0.3
0.1
TEMPERATURE (°C)
–50
V–
+0.5
+1.0
–1.0
V+
–25
0
25
125
LT1228 • TPC09
50
75
100
–0.5
±2V ≤ VS ≤ ±15V
R1 =
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com