Electronic Components Datasheet Search
  English  ▼

X  

LTC1196 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1196
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1196 Datasheet HTML 19Page - Linear Technology LTC1196 Datasheet HTML 20Page - Linear Technology LTC1196 Datasheet HTML 21Page - Linear Technology LTC1196 Datasheet HTML 22Page - Linear Technology LTC1196 Datasheet HTML 23Page - Linear Technology LTC1196 Datasheet HTML 24Page - Linear Technology LTC1196 Datasheet HTML 25Page - Linear Technology LTC1196 Datasheet HTML 26Page - Linear Technology LTC1196 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
LTC1196/LTC1198
S
APPLICATI
I FOR ATIO
3V VERSUS 5V PERFORMANCE COMPARISON
Table 1 shows the performance comparison between 3V
and 5V supplies. The power dissipation drops by a factor
of five when the supply is reduced to 3V. The converter
slows down somewhat but still gives excellent perfor-
mance on a 3V rail. With a 3V supply, the LTC1196
converts in 1.6
µs, samples at 450kHz, and provides a
500kHz linear-input bandwidth.
Dynamic accuracy is excellent on both 5V and 3V. The
ADCs typically provide 49.3dB of 7.9 ENOBs of dynamic
accuracy at both 3V and 5V. The noise floor is extremely
low, corresponding to a transition noise of less than
0.1LSB. DC accuracy includes
±0.5LSB total unadjusted
error at 5V. At 3V, linearity error is
±0.5LSB while total
unadjusted error increases to
±1LSB.
Table 1. 5V/3V Performance Comparison
LTC1196-1
5V
3V
PDISS
50mW
10mW
Max fSMPL
1MHz
383kHz
Min tCONV
600ns
1.6
µs
INL (Max)
0.5LSB
0.5LSB
Typical ENOBs
7.9 at 300kHz
7.9 at 100kHz
Linear Input Bandwidth (ENOBs > 7)
1MHz
500kHz
LTC1198-1
PDISS
50mW
10mW
PDISS (Shutdown)
15
µW9µW
Max fSMPL
750kHz
287kHz
Min tCONV
600ns
1.6
µs
INL (Max)
0.5LSB
0.5LSB
Typical ENOBs
7.9 at 300kHz
7.9 at 100kHz
Linear Input Bandwidth (ENOBs > 7)
1MHz
500kHz
S
APPLICATI
TYPICAL
PLD Interface Using the Altera EPM5064
The Altera EPM5064 has been chosen to demonstrate the
interface between the LTC1196 and a PLD. The EPM5064
is programmed to be a 12-bit counter and an equivalent
74HC595 8-bit shift register as shown in Figure 12. The
circuit works as follows: bringing ENA high makes the CS
output high and the EN input low to reset the LTC1196 and
disable the shift register. Bringing ENA low, the CS output
goes high for one CLK cycle with every 12 CLK cycles. The
inverted signal, EN, of the CS output makes the 8-bit data
available on the B0-B7] lines. Figures 13 and 14 show the
interconnection between the LTC1196 and EPM5064 and
the timing diagram of the signals between these two
devices. The CLK frequency in this circuit can run up to
fCLK(MAX) of the LTC1196.
1196/98 F12
DATA
CLK
12-BIT
CONVERTER
CS
ENA
EN
CLK
B0-B7
8-BIT
SHIFT REGISTER
CS
ENA
CLK
DATA
B0-B7
Figure 12. An Equivalent Circuit of the EPM5064
Figure 13. Intefacing the LTC1196 to the Altera EPM5064 PLD
3, 14, 25, 36
EPM5064
CLK
33
23
34
35
1196/98 F13
VCC
+
–
DATA
1
37
38
39
40
41
42
44
9-13, 21,
31, 32, 43
CLK
B7
B0
ENA
–IN
GND
VCC
CLK
DOUT
+IN
CS
1
2
3
4
8
7
6
5
LTC1196
VREF
1
µF
RESERVE PINS OF EPM5064:
2, 4-8,15-20, 22, 24, 26-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com