Electronic Components Datasheet Search
  English  ▼

X  

LTC1196 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1196
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1196 Datasheet HTML 20Page - Linear Technology LTC1196 Datasheet HTML 21Page - Linear Technology LTC1196 Datasheet HTML 22Page - Linear Technology LTC1196 Datasheet HTML 23Page - Linear Technology LTC1196 Datasheet HTML 24Page - Linear Technology LTC1196 Datasheet HTML 25Page - Linear Technology LTC1196 Datasheet HTML 26Page - Linear Technology LTC1196 Datasheet HTML 27Page - Linear Technology LTC1196 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
LTC1196/LTC1198
S
APPLICATI
TYPICAL
Once RINT is generated the code begins execution at the
label RINT. This code stores the DOUT word from the
LTC1198 in the ACC and then stores it in location 200 hex.
The data appears in location 200 hex right-justified as
shown in Figure 19. The code is set up to continually loop,
so at this point the code jumps to label TXRX and repeats
from here.
L1196/98 F19
MSB
LSB
X
X
X
X
X
X
X
X
7
6
5
4
3
2
1
0
DOUT FROM LTC1198 STORED IN TMS320C25 RAM
> 200
Figure 19. Memory Map for the Circuit in Figure 15
LABEL
MNEMONIC
COMMENTS
AORG
0
ON RESET CODE EXECUTION STARTS AT 0
B
INIT
BRANCH TO INITIALIZATION ROUTINE
AORG
>26
ADDRESS OF RINT INTERRUPT VECTOR
B
RINT
BRANCH TO RINT SERVICE ROUTINE
AORG
>32
MAIN PROGRAM STARTS HERE
INIT
DINT
DISABLE INTERRUPTS
LDPK
>0
SET DATA MEMORY PAGE POINTER TO 0
LARP
>1
SET AUXILIARY REGISTER POINTER TO 1
LRLK
AR1,>200
SET AUXILIARY REGISTER 1 TO >200
LACK
>10
LOAD IMR CONFIG WORD INTO ACC
SACL
>4
STORE IMR CONFIG WORD INTO IMR
STXM
CONFIGURE FSX AS AN OUTPUT
FORT
0
SET SERIAL PORT TO 16-BIT MODE
TXRX
LACK
>44
LOAD LTC1198 DIN WORD INTO ACC
SFSM
FSX PULSES GENERATED ON XSR LOAD
RPTK
7
REPEAT NEXT INSTRUCTION 8 TIMES
SFL
SHIFTS DIN WORD TO RIGHT POSITION
SACL
>1
PUT DIN WORD IN TRANSMIT REGISTER
EINT
ENABLE INTERRUPT (DISABLED ON RINT)
RPTK
2
MINIMIZE THE CONVERSION CYCLE TIME
NOP
TO BE 20 CLOCK CYCLES
RINT
ZALS
>0
STORE LTC1198 DOUT WORD IN ACC
SACL
*, 0
STORE ACC IN LOCATION >200
B
TXRX
BRANCH TO TRANSMIT RECEIVE ROUTINE
END
Figure 20. TMS320C25 Code for the Circuit in Figure 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com