Electronic Components Datasheet Search
  English  ▼

X  

BC858C Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BC858C
Description  200mW, PNP Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC858C Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC858C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics ( TA= 25
oC unless otherwise noted )
Symbol
Min
Max
Units
-80
Collector-Base Breakdown Voltage
IC= -10μAIE= 0
-50
-30
-65
Collector-Emitter Breakdown Voltage
IC= -10mA
IB= 0
-45
-30
Emitter-Base Breakdown Voltage
IE= -1μAIC= 0
V(BR)EBO
-5
-
V
VCB= -70V
-
-100
VCB= -45V
-
-100
VCB= -25V
-
-100
Emitter Cut-off Current
VEB= -5V
IC=0
IEBO
--0.1
μA
125
250
DC Current Gain
VCE= -5V
IC= -2mA
hFE
220
475
420
800
IC= -100mA
IB= -5mA
VCE(sat)
-
-0.65
V
Base-Emitter Saturation Voltage
IC= -100mA
IB= -5mA
VBE(sat)
--1.1
V
Transition Frequency
VCE= -5V
IC= -10mA
f= 100MHz
fT
100
-
MHz
BC858
Collector Cut-off Current
nA
ICBO
IE= 0
BC857C, BC858C
Collector-Emitter Saturation Voltage
BC856B, BC857B, BC858B
BC856
BC857
BC858
BC856
BC857
BC856A, BC857A, BC858A
Parameter
Small Signal Product
BC856
BC857
BC858
Version : F14
V(BR)CBO
-
-
V
V
V(BR)CEO



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com