Electronic Components Datasheet Search
  English  ▼

X  

BC858C Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BC858C
Description  200mW, PNP Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC858C Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BC858C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Version : F14
Small Signal Product
RATINGS AND CHARACTERISTIC CURVES
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
8
10121416
1820
VCE[V], Collector-Emitter Voltage
Fig. 1 Static Characteristic
IB = -400μA
IB = -350μA
IB = -300μA
IB = -250μA
IB =- 200μA
IB = -150μA
IB = -100μA
IB = -50μA
10
100
1000
-0.1
-1.0
-10.0
-100.0
Fig. 2 DC Current Gain
VCE = - 5V
IC[mA], Collector Current
-0.
-1.
-10.
-100.
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
VBE[V], Base-Emitter Voltage
Fig. 4 Base-Emitter On Voltage
VCE = - 5V
1
10
100
-1.
-10.
-100.
-1000.
VCB[V], Collector-Base Voltage
Fig.5 Collector Output Capacitance
f=1MHz IE=0
1
10
100
1000
-0.
-1.
-10.
-100.
IC[mA], Collector Current
Fig. 6 Current Gain Bandwidth Product
f=1MHz IE=0
0.01
0.1
1
10
0.1
1
10
100
Fig.3 Base-Emitter Saturation Voltage
VS.Collector-Emitter Saturation
IC = 10 IB
IC[mA], Collector Current
VBE(sat)
VCE(sat)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com