Electronic Components Datasheet Search
  English  ▼

X  

BC858C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BC858C
Description  200mW, PNP Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC858C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BC858C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SOT-23
◇
Epitaxial planar die construction
◇
Surface device type mounting
◇
Moisture sensitivity level 1
◇
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
◇
Pb free version and RoHS compliant
◇
Case : SOT- 23 small outline plastic package
◇
Weight : 0.008 grams (approximately)
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Maximum Ratings
Symbol
Units
PD
mW
BC856
BC857
BC858
BC856
BC857
BC858
VEBO
V
IC
A
TJ , TSTG
°C
Notes : 1. Valid provided that electrodes are kept at ambient temperature
Features
◇
High temperature soldering guaranteed : 260°C/10s
V
-30
-65
-45
-30
Small Signal Product
◇
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
Parameter
-80
Power Dissipation
Collector-Base Voltage
Collector-Emitter Voltage
VCBO
VCEO
Version : F14
Emitter-Base Voltage
Collector Current
Junction and Storage Temperature Range
-5
-0.1
-55 to + 150
BC856A/B, BC857A/B/C, BC858A/B/C
200mW, PNP Small Signal Transistor
V
Mechanical Data
◇
Terminal : Matte tin plated, lead free, solderable
per MIL-STD-202, method 208 guaranteed
Value
200
-50


Similar Part No. - BC858C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC858C TRSYS-BC858C Datasheet
363Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC858C SIEMENS-BC858C Datasheet
271Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC858C FAIRCHILD-BC858C Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
Diodes Incorporated
BC858C DIODES-BC858C Datasheet
44Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
logo
Micro Commercial Compon...
BC858C MCC-BC858C Datasheet
106Kb / 2P
PNP Small Signal Transistor 310mW
More results

Similar Description - BC858C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
PNP and NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC817-16W TSC-BC817-16W Datasheet
576Kb / 4P
200mW, NPN Small Signal Transistor
BC807W TSC-BC807W Datasheet
553Kb / 4P
200mW, PNP Small Signal Transistor
BC817W TSC-BC817W Datasheet
350Kb / 6P
200mW, NPN Small Signal Transistor
BC807-16W TSC-BC807-16W Datasheet
150Kb / 6P
200mW, PNP Small Signal Transistor
BC817-16W TSC-BC817-16W_14 Datasheet
158Kb / 6P
200mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
PNP and NPN Small Signal Transistor 200mW
BC856A MCC-BC856A_13 Datasheet
521Kb / 5P
PNP Small Signal Transistor 200mW
BCW66F MCC-BCW66F Datasheet
271Kb / 3P
NPN Small Signal Transistor 200mW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com