Electronic Components Datasheet Search
  English  ▼

X  

BC858C Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # BC858C
Description  200mW, PNP Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC858C Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  BC858C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BC858C Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ordering information (Detail, example)
BC85xx
(Note 1)
SOT-23
3K / 7 " Reel
RFG
BC856A
SOT-23
3K / 7 " Reel
RFG
Tape & Reel specification
Item
Symbol
Carrier width
A
Carrier length
B
Carrier depth
C
Sprocket hole
d
Reel outside diameter
D
Reel inner diameter
D1
Feed hole width
D2
Sprocket hole position
E
Punch hole position
F
Sprocket hole pitch
P0
Embossment center
P1
Overall tape thickness
T
Tape width
W
Reel width
W1
Version : F14
8.10 ±0.20
12.30 ±0.20
13.0 ± 0.20
1.75 ±0.10
3.50 ±0.05
4.00 ±0.10
2.00 ±0.05
0.229 ±0.013
3.15 ±0.10
2.77 ±0.10
1.22 ±0.10
1.50 ± 0.10
178 ± 1
55 Min
Small Signal Product
Dimension
Packing code
(Green)
Manufacture code
RF
Note 1 : "xx" is Device Code from "6A" thru "8C".
Note 2 : Manufacture special control, if empty means no special control requirement.
RF
(Note 2)
Part No.
Package
Packing
Packing code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com