Electronic Components Datasheet Search
  English  ▼

X  

LTC4063 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4063
Description  Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4063 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4063 Datasheet HTML 10Page - Linear Technology LTC4063 Datasheet HTML 11Page - Linear Technology LTC4063 Datasheet HTML 12Page - Linear Technology LTC4063 Datasheet HTML 13Page - Linear Technology LTC4063 Datasheet HTML 14Page - Linear Technology LTC4063 Datasheet HTML 15Page - Linear Technology LTC4063 Datasheet HTML 16Page - Linear Technology LTC4063 Datasheet HTML 17Page - Linear Technology LTC4063 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC4063

4063fc
applicaTions inForMaTion
Figure5.StateDiagramofaChargerCycleUsingUserTermination
Figure6.TwoCircuitsthatChargeat500mA
Full-ScaleCurrentandTerminateat50mA
CHARGE MODE
FULL CURRENT
4063 F05
TRICKLE CHARGE MODE
1/10 FULL CURRENT
BAT > 2.9V
BAT < 2.9V
2.9V < BAT
CHGEN = 5V
OR
UVLO CONDITION
SHUTDOWN MODE
ICC DROPS TO 35µA
CHRG STATE: Hi-Z
CHRG STATE: PULL-DOWN
POWER ON
CHGEN = 0V
OR UVLO
CONDITION
STOPS
CHRG STATE:
PULL-DOWN IF IBAT > IDETECT
Hi-Z IF IBAT < IDETECT
With User-Selectable Charge Termination, the SmartStart
feature is disabled; when the charger is powered on or
enabled, the LTC4063 automatically begins charging, re-
gardless of the battery voltage. Figure 5 describes charger
operation when User-Selectable Charge Termination is
used.
ProgrammingC/10CurrentDetection/Termination
In most cases, an external resistor, RDET, is needed to set
the charge current detection threshold, IDETECT. However,
when setting IDETECT to be 1/10th of ICHG, the IDET pin
can be connected directly to the PROG pin. This reduces
the component count, as shown in Figure 6.
When PROG and IDET are connected in this way, the
full-scale charge current, ICHG, is programmed using a
different equation:
R
V
I
I
V
R
PROG
CHG
CHG
PROG
=
=
500
500
,
StabilityConsiderations
The battery charger constant voltage mode feedback loop
is stable without any compensation provided a battery
is connected. However, a 1µF capacitor with a 1Ω series
resistor to GND is recommended at the BAT pin to keep
ripple voltage low when the battery is disconnected.
When the charger is in constant current mode, the PROG
pin is in the feedback loop, not the battery. The constant
current stability is affected by the impedance at the PROG
pin. With no additional capacitance on the PROG pin, the
charger is stable with program resistor values as high as
10k; however, additional capacitance on this node reduces
the maximum allowed program resistor.
FortheLDOregulator,acapacitor(COUT)mustbeconnected
from OUT to GND to ensure regulator loop stability. It is
recommended that low ESR capacitors be used for COUT
to reduce noise on the output of the linear regulator. COUT
must be ≥2µF for best performance.
+
VCC
PROG
IDET
VIN
BAT
500mA
TIMER
RDET
2k
RPROG
2k
LTC4063
GND
+
VCC
PROG
IDET
VIN
4063 F06
BAT
500mA
TIMER
RPROG
1k
LTC4063
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com