Electronic Components Datasheet Search
  English  ▼

X  

LTC4063 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4063
Description  Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4063 Datasheet(HTML) 5 Page - Linear Technology

  LTC4063 Datasheet HTML 1Page - Linear Technology LTC4063 Datasheet HTML 2Page - Linear Technology LTC4063 Datasheet HTML 3Page - Linear Technology LTC4063 Datasheet HTML 4Page - Linear Technology LTC4063 Datasheet HTML 5Page - Linear Technology LTC4063 Datasheet HTML 6Page - Linear Technology LTC4063 Datasheet HTML 7Page - Linear Technology LTC4063 Datasheet HTML 8Page - Linear Technology LTC4063 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4063

4063fc
Typical perForMance characTerisTics
ChargeCurrentvsSupplyVoltage
RechargeThresholdVoltage
vsTemperature
PowerFETOn-Resistance
vsTemperature
ShutdownCurrentvsTemperature
CHGENPinThresholdVoltage
(On-to-Off)vsTemperature
CHGENPinPull-DownResistance
vsTemperature
ChargeCurrent
vsAmbientTemperature
FBPinRegulatedVoltage
vsOutputCurrent
FBPinRegulatedVoltage
vsTemperature
TEMPERATURE (°C)
–50 –25
0
400
1000
0
50
75
4063 G10
200
800
600
25
100 125
RPROG = 1.25k
ONSET OF THERMAL
REGULATION
RPROG = 2k
VCC = 5V
VBAT = 4V
JA = 40°C/W
VCC (V)
4
300
400
500
600
700
5
6
7
8
4063 G11
800
900
4.5
5.5
6.5
7.5
RPROG = 1.25k
VBAT = 3.3V
JA = 35°C/W
TA = 25°C
ONSET OF THERMAL
REGULATION
TEMPERATURE ( C)
–50
4.04
4.06
4.08
4.10
4.12
4.16
–25
0
25
50
4063 G12
75
100
4.14
VCC = 4.3V
VCC = 8V
TEMPERATURE (°C)
–50
550
600
650
25
75
4063 G13
500
450
–25
0
50
100
125
400
350
VBAT = 4V
IBAT = 200mA
RPROG = 1.25k
TEMPERATURE (°C)
–50
70
60
50
40
30
20
10
0
25
75
4063 G14
–25
0
50
100
CHGEN = VCC
LDOEN = 0V
VCC = 8V
VCC = 5V
VCC = 4.3V
TEMPERATURE (°C)
–50
800
850
900
25
75
4063 G15
750
700
–25
0
50
100
125
650
600
VCC = 5V
TEMPERATURE (°C)
–50
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
25
75
4063 G16
–25
0
50
100
IOUT (mA)
0
797
798
799
800
801
803
20
40
60
80
4063 G17
100
120
802
VBAT = 4.2V
TA = 25°C
TA = 90°C
TA = 115°C
TA = –40°C
TEMPERATURE (°C)
–50
801
802
803
25
75
4063 G18
800
799
–25
0
50
100
125
798
797
ILOAD = 1mA
VBAT = 4.2V
VBAT = 2.65V
TA=25°C,unlessotherwisenoted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com