Electronic Components Datasheet Search
  English  ▼

X  

LTC4063 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4063
Description  Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4063 Datasheet(HTML) 4 Page - Linear Technology

  LTC4063 Datasheet HTML 1Page - Linear Technology LTC4063 Datasheet HTML 2Page - Linear Technology LTC4063 Datasheet HTML 3Page - Linear Technology LTC4063 Datasheet HTML 4Page - Linear Technology LTC4063 Datasheet HTML 5Page - Linear Technology LTC4063 Datasheet HTML 6Page - Linear Technology LTC4063 Datasheet HTML 7Page - Linear Technology LTC4063 Datasheet HTML 8Page - Linear Technology LTC4063 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4063

4063fc
Typical perForMance characTerisTics
CHARGE CURRENT (mA)
0
4.18
4.22
800
4063 G01
4.14
4.10
200
400
600
100
300
500
700
4.26
4.16
4.20
4.12
4.24
VCC = 5V
RPROG = 1.25k
TEMPERATURE (°C)
–50
4.185
4.190
4.195
4.200
4.205
4.215
–25
0
25
50
4063 G02
75
100
4.210
RPROG = 10k
VCC = 8V
VCC = 4.3V
TEMPERATURE (°C)
–50
0.994
0.996
0.998
1.000
1.002
1.006
–25
0
25
50
4063 G03
75
100
1.004
RPROG = 10k
VCC = 8V
VCC = 4.3V
VPROG (V)
0
0
100
300
400
500
0.8
900
4063 G04
200
0.4
0.2
1.0
0.6
1.2
600
700
800
VCC = 5V
RPROG = 1.25k
VTIMER = 5V
TEMPERATURE (°C)
–50
185
190
195
25
75
4063 G05
180
175
–25
0
50
100
125
170
165
CTIMER = 0.1µF
VCC = 4.3V
VCC = 8V
VCHRG (V)
0
20
25
3
5
4063 G06
15
10
1
2
4
6
7
5
0
30
35
VCC = 5V
VBAT = 4V
TA = –40°C
TA = 90°C
TA = 25°C
TEMPERATURE (°C)
–50
90
88
86
84
82
80
78
76
25
75
4063 G07
–25
0
50
100
VCC = 5V
VBAT = 2.5V
RPROG = 1.25k
TEMPERATURE (°C)
–50
2.84
2.86
2.88
2.90
2.92
2.96
–25
0
25
50
4063 G08
75
100
2.94
VCC = 5V
RPROG = 1.25k
VBAT (V)
2.7
0
200
400
600
800
1000
3
3.3
3.6
3.9
4063 G09
4.2
4.5
VCC = 5V
RPROG = 1.25k
JA = 40 C/W
RegulatedOutput(Float)Voltage
vsChargeCurrent
RegulatedOutput(Float)Voltage
vsTemperature
InternalChargeTimer
vsTemperature
ChargeCurrent
vsPROGPinVoltage
TrickleChargeCurrent
vsTemperature
TrickleChargeThresholdVoltage
vsTemperature
ChargeCurrentvsBatteryVoltage
PROGPinVoltagevsTemperature
(Constant-CurrentMode)
CHRGPinI-VCurve
TA=25°C,unlessotherwisenoted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com