Electronic Components Datasheet Search
  English  ▼

X  

LTC4063 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4063
Description  Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4063 Datasheet(HTML) 3 Page - Linear Technology

  LTC4063 Datasheet HTML 1Page - Linear Technology LTC4063 Datasheet HTML 2Page - Linear Technology LTC4063 Datasheet HTML 3Page - Linear Technology LTC4063 Datasheet HTML 4Page - Linear Technology LTC4063 Datasheet HTML 5Page - Linear Technology LTC4063 Datasheet HTML 6Page - Linear Technology LTC4063 Datasheet HTML 7Page - Linear Technology LTC4063 Datasheet HTML 8Page - Linear Technology LTC4063 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC4063

4063fc
elecTrical characTerisTics
Note1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note2: The LTC4063EDD is guaranteed to meet performance
specifications from 0°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note3: Failure to correctly solder the Exposed Pad of the package to the
PC board will result in a thermal resistance much higher than 40°C/W.
Note4: Supply current includes PROG pin current and IDET pin current
(approximately 100µA each) but does not include any current delivered to
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RCHGEN
CHGEN Pin Pull-Down Resistor
l
1.2
2
5
MΩ
VCT
Charge Termination Mode Threshold
Voltage
VTIMER from High to Low
Hysteresis
0.4
0.7
100
1
V
mV
VUT
User Termination Mode Threshold Voltage
VTIMER from Low to High
Hysteresis
4.15
4.1
100
4.5
V
mV
IDETECT
Charge Current Detection Threshold
RDET = 1k, 0°C ≤ TA ≤ 85°C
RDET = 2k, 0°C ≤ TA ≤ 85°C
RDET = 10k, 0°C ≤ TA ≤ 85°C
RDET = 20k, 0°C ≤ TA ≤ 85°C
90
45
8.5
4
100
50
10
5
110
55
11.5
6
mA
mA
mA
mA
∆VRECHRG
Recharge Threshold Voltage
VFLOAT – VRECHRG, 0°C ≤ TA ≤ 85°C
75
100
125
mV
tTERM
Termination Comparator Filter Time
Current Termination Mode
1
1.5
2.2
ms
tRECHRG
Recharge Comparator Filter Time
3
7
14
ms
tTIMER
Charge Cycle Time
CTIMER = 0.1µF
2.55
3
3.45
Hour
tSS
Soft-Start Time
IBAT from 0 to ICHG
100
µs
TLIM
Junction Temperature in Constant
Temperature Mode
105
°C
RON
Power FET On-Resistance
(Between VCC and BAT)
375
mΩ
VBAT-LDO
LDO Supply Voltage (BAT)
2.65
4.4
V
IBAT-LDO
LDO Supply Current (from BAT)
VCC < VBAT, IOUT = 0mA
VCC > VBAT, IOUT = 0mA (Note 6)
15
9
25
18
µA
µA
IBAT-LDO-SD LDO Supply Current in Shutdown
VBAT = 4.4V
2.5
5
µA
VFB
FB Regulated Voltage
VBAT = 3.7V, IOUT = 1mA
l
784
800
816
mV
VFB(LINE)
VFB Line Regulation
VBAT = 2.65V to 4.4V, IOUT = 1mA
l
1
4
mV
VFB(LOAD)
VFB Load Regulation
IOUT = 1mA to 100mA, VBAT = 4.4V
l
1
4
mV
VLDOEN
LDOEN Input Threshold Voltage (Rising)
LDOEN Rising, VBAT = 4.4V
Hysteresis
0.4
0.7
100
1
V
mV
RLDOEN
LDOEN Pin Pull-Down Resistor
l
1.2
2
5
MΩ
VDO
LDO Dropout Voltage
IOUT = 100mA, VOUT = 3V
125
200
mV
VLDOUVLO
LDO Undervoltage Lockout Threshold
VBAT from High to Low
Hysteresis
2.45
2.55
100
2.65
V
mV
IFB
FB Pin Current
–25
0
25
nA
ISC
Short-Circuit Output Current
VOUT = 0V
500
mA
VNO(RMS)
Output Voltage Noise
VOUT = 3V, IOUT = 100mA, COUT = 2.2µF,
10Hz ≤ f ≤ 100kHz
135
µVRMS
Theldenotesthespecificationswhichapplyoverthefulloperating
temperaturerange,otherwisespecificationsareatTA=25°C.VCC=5V,unlessotherwisenoted.
the battery through the BAT pin (approximately 100mA).
Note5: Does not include LDO supply current.
Note6: The LDO is partially powered from VCC, thus reducing the supply
current from the BAT pin.
Note7: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions.
Overtemperature protection will become active at a junction temperature
greater than the maximum operating temperature. Continuous operation
above the specified maximum operating junction temperature may impair
device reliability.
Note8: Defined by long term current density limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com