Electronic Components Datasheet Search
  English  ▼

X  

LTC1402 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1402
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402 Datasheet(HTML) 1 Page - Linear Technology

  LTC1402 Datasheet HTML 1Page - Linear Technology LTC1402 Datasheet HTML 2Page - Linear Technology LTC1402 Datasheet HTML 3Page - Linear Technology LTC1402 Datasheet HTML 4Page - Linear Technology LTC1402 Datasheet HTML 5Page - Linear Technology LTC1402 Datasheet HTML 6Page - Linear Technology LTC1402 Datasheet HTML 7Page - Linear Technology LTC1402 Datasheet HTML 8Page - Linear Technology LTC1402 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1402
Serial 12-Bit, 2.2Msps
Sampling ADC with Shutdown
October 1999
FEATURES
DESCRIPTION
s
Sample Rate: 2.2Msps
s
72dB S/(N + D) and –89dB THD at Nyquist
s
No Missing Codes over Temperature
s
Available in 16-Pin Narrow SSOP Package
s
Single Supply 5V or
±5V Operation
s
Power Dissipation: 90mW (Typ)
s
Nap Mode with Instant Wake-Up: 15mW
s
Sleep Mode: 10
µW
s
True Differential Inputs Reject Common Mode Noise
s
80MHz Full Power Bandwidth Sampling
s
Input Range (1mV/LSB): 0V to 4.096V or
±2.048V
s
Internal Reference Can Be Overdriven Externally
s
3-Wire Interface to DSPs and Processors (SPI and
MICROWIRE
TM Compatible)
The LTC
®1402 is a 12-bit, 2.2Msps sampling A/D con-
verter. This high performance device includes a high dy-
namic range sample-and-hold and a precision reference.
It operates from a single 5V supply or dual
±5V supplies
and draws only 90mW from 5V.
The versatile differential input offers a unipolar range of
4.096V and a bipolar range of
±2.048V for dual supply
systems where high performance op amps perform best,
eliminating the need for special translation circuitry.
The high common mode rejection allows users to elimi-
nate ground loops and common mode noise by measuring
signals differentially from the source.
Outstanding AC performance includes 72dB S/(N + D) and
–93dB SFDR at the Nyquist input frequency of 1.1MHz
with dual
±5V supplies and –84dB SFDR with a single 5V
supply.
The LTC1402 has two power saving modes: Nap and
Sleep. Nap mode consumes only 15mW of power and
Sleep can wake up and convert immediately. In Sleep
mode, it typically consumes 10
µW of power. Upon power-
up from Sleep mode, a reference ready (REFRDY) signal
is available in the serial data word to indicate that the
reference has settled and the chip is ready to convert.
The 3-wire serial port allows compact and efficient data
transfer to a wide range of microprocessors, microcon-
trollers and DSPs. A digital output driver power supply pin
allows direct connection to 3V or lower logic.
SAMPLE-
AND-HOLD
DOUT
BIP/UNI
CONV
SCK
OVDD
10
8
16
15
DVDD
AVDD
112
11
GAIN
7
5
4
3
–5V OR 0V
10
µF
10
µF
VREF
4.096V
10
µF
64k
OUTPUT
BUFFER
1402 TA01
2.048
REFERENCE
TIMING
LOGIC
+AIN
LTC1402
OGND
9
6
2
DGND
–AIN
5V
3V OR 5V
AGND1
VSS
14
13
AGND2
+
–
64k
12-BIT ADC
APPLICATIONS
MICROWIRE is a trademark of National Semiconductor Corp.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Telecommunications
s
High Speed Data and Signal Acquisition
s
Digitally Multiplexed Data Acquisition Systems
s
Digital Radio Receivers
s
Spectrum Analysis
s
Low Power and Battery-Operated Systems
s
Handheld or Portable Instruments
s
Imaging Systems
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Final Electrical Specifications
BLOCK DIAGRA
5 Harmonic THD, 2nd, 3rd and SFDR
vs Input Frequency (Unipolar)
INPUT FREQUENCY (Hz)
104
105
106
107
–80
–60
–40
1401 G05
–100
–120
0
–20
–90
–70
–50
–110
–10
–30
THD
SFDR
2ND
3RD
fSAMPLE = 2.22MHz


Similar Part No. - LTC1402

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1402 LINER-LTC1402 Datasheet
285Kb / 24P
Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC1402 LINER-LTC1402 Datasheet
648Kb / 22P
Serial 12-Bit/14-Bit, 2.8Msps
LTC1402 LINER-LTC1402 Datasheet
358Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps
LTC1402CGN LINER-LTC1402CGN Datasheet
285Kb / 24P
Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC1402IGN LINER-LTC1402IGN Datasheet
285Kb / 24P
Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
More results

Similar Description - LTC1402

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1402 LINER-LTC1402_1 Datasheet
285Kb / 24P
Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1402 LINER-LTC1402_15 Datasheet
290Kb / 24P
Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com