Electronic Components Datasheet Search
  English  ▼

X  

LTC1402 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1402
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1402 Datasheet HTML 12Page - Linear Technology LTC1402 Datasheet HTML 13Page - Linear Technology LTC1402 Datasheet HTML 14Page - Linear Technology LTC1402 Datasheet HTML 15Page - Linear Technology LTC1402 Datasheet HTML 16Page - Linear Technology LTC1402 Datasheet HTML 17Page - Linear Technology LTC1402 Datasheet HTML 18Page - Linear Technology LTC1402 Datasheet HTML 19Page - Linear Technology LTC1402 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
LTC1402
RCVbufAddr
.set
0x800
;(address of receive buffer)
RCVbufSize
.set
0x800
;(length of receive buffer)works up to 800
*
*
*
**********************************************************************
.eval ((Loopback >> 1)|((Format & 2)<<1)|(BurstMode <<3)|(IntCLK <<4)|(IntSync <<5)) ,SPCval
.eval ((CLKDIV)|(FS_polarity <<5)|(CLK_polarity<<6)|((Format & 1)<<7)|(Frame_ignore<<8)|(PCM_Mode<<9)), SPCEval
.eval (SPCEval|(XMTautobuf<<10)|(XMThalt<<12)|(RCVautobuf<<13)|(RCVhalt<<15)), SPCEval
sineinit:
bspc = #SPCval
; places buffered serial port in reset
ifr = #10h
; clear interrupt flags
imr = #210h
; Enable HPINT,enable BRINT0
intm = 0
; all unmasked interrupts are enabled.
bspce = #SPCEval
; programs BSPCE and ABU
axr = #XMTbufAddr
; initializes transmit buffer start address
bkx = #XMTbufSize
; initializes transmit buffer size
arr = #RCVbufAddr
; initializes receive buffer start address
bkr = #RCVbufSize
; initializes receive buffer size
bspc = #(SPCval | GO)
; bring buffered serial port out of reset
return
;for transmit and receive because GO=0xC0
.space 16*32
;clear a chunk at the end to mark the end
;======================================================================
;
; VECTORS
;
;======================================================================
.sect “vectors”
;The vectors start here
;get BSP vectors
; ***************************************************************************
;
Vector Table for the ‘C54x DSKplus
;
BSP vectors and Debugger vectors
;
TDM vectors just return
; ***************************************************************************
; The vectors in this table can be configured for processing external and
; internal software interrupts. The DSKplus debugger uses four interrupt
; vectors. These are RESET, TRAP2, INT2, and HPIINT.
; * DO NOT MODIFY THESE FOUR VECTORS IF YOU PLAN TO USE THE DEBUGGER *
;
; All other vector locations are free to use. When programming always be sure
; the HPIINT bit is unmasked (IMR=200h) to allow the communications kernel and
; host PC interact. INT2 should normally be masked (IMR(bit 2) = 0) so that the
; DSP will not interrupt itself during a HINT. HINT is tied to INT2 externally.
;
;
;
.mmregs
reset
goto #80h
;00; RESET * DO NOT MODIFY IF USING DEBUGGER *
nop
nop
nmi
return_enable
;04; non-maskable external interrupt
nop
nop
nop
trap2 goto #88h
;08; trap2 * DO NOT MODIFY IF USING DEBUGGER *
nop
nop
.space 52*16
;0C-3F: vectors for software interrupts 18-30
int0
return_enable
;40; external interrupt int0
nop
nop
nop
int1
return_enable
;44; external interrupt int1
nop
nop
nop
int2
return_enable
;48; external interrupt int2
nop
nop
nop
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com