Electronic Components Datasheet Search
  English  ▼

X  

LTC1402 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1402
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1402 Datasheet HTML 2Page - Linear Technology LTC1402 Datasheet HTML 3Page - Linear Technology LTC1402 Datasheet HTML 4Page - Linear Technology LTC1402 Datasheet HTML 5Page - Linear Technology LTC1402 Datasheet HTML 6Page - Linear Technology LTC1402 Datasheet HTML 7Page - Linear Technology LTC1402 Datasheet HTML 8Page - Linear Technology LTC1402 Datasheet HTML 9Page - Linear Technology LTC1402 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1402
4VP-P Power Bandwidth and
100mVP-P Small-Signal
Bandwidth
IMD Spectrum Plot (Bipolar)
Sine Wave Spectrum Plot
(Unipolar) 5V Supply
FREQUENCY (MHz)
–15
–20
–5
–10
5
0
0.1
10
100
1000
1402 F07
–25
1
100mVP-P
4VP-P
Sine Wave Spectrum Plot
(Bipolar) Dual
±5V Supply
IMD Spectrum Plot (Unipolar)
FREQUENCY (MHz)
0
–70
2ND
3RD
4TH
6TH
–80
–90
–100
–110
–120
–10
0
10
1402 G08
–30
–50
–20
–40
–60
0.55
1.11
5TH
fSAMPLE = 2222222.22Hz
fSINE = 1131727.43Hz
2048 SAMPLES
FREQUENCY (MHz)
0
–70
2ND
–80
–90
–100
–110
–120
–10
0
10
1402 G09
–30
–50
–20
–40
–60
0.55
1.11
4TH
3RD
5TH
6TH
fSAMPLE = 2222222.22Hz
fSINE = 109592.01Hz
2048 SAMPLES
Sine Wave Spectrum Plot
(Bipolar)
±5V Supply
FREQUENCY (MHz)
0
0.59
1.18
1402 G10
10
0
–10
–20
–30
–40
–50
–60
fA – fB
fA – 2fB
2fA – fB
2fA + fB
fA + 2fB
3fB
fA – fB
2fB
2fA
3fA
–70
–80
–90
–100
–110
–120
fSAMPLE = 2352941.18Hz
fSINEA = 1250000Hz ±1V INTO AIN
+
fSINEB = 1199449Hz ±1V INTO AIN
–
IMD = 83.9dB
2048 SAMPLES
FREQUENCY (MHz)
0
–70
2ND
–80
–90
–100
–110
–120
–10
0
10
1402 G11
–30
–50
–20
–40
–60
0.55
1.11
4TH
6TH
3RD
5TH
fSAMPLE = 2222222.22Hz
fSINE = 1131727.43Hz
2048 SAMPLES
Sine Wave Spectrum Plot
(Unipolar) 5V Supply
FREQUENCY (MHz)
0
–70
2ND
–80
–90
–100
–110
–120
–10
0
10
1402 G12
–30
–50
–20
–40
–60
0.55
1.11
4TH
6TH
3RD
5TH
fSAMPLE = 2222222.22Hz
fSINE = 109592.01Hz
2048 SAMPLES
FREQUENCY (MHz)
0
0.59
1.18
1402 G13
10
0
–10
–20
–30
–40
–50
–60
fA – fB
2fA – fB, fA + 2fB
fA – 2fB
2fA + fB
fA + fB
2fB
2fA
3fA
–70
–80
–90
–100
–110
–120
fSAMPLE = 2352941.18Hz
fSINEA = 1250000Hz INTO AIN
+,
1.5V TO 3.5V
fSINEB = 1199449Hz INTO AIN
–,
1.5V TO 3.5V
IMD = – 84.1dB
2048 SAMPLES
3fB
PSRR vs Frequency
FREQUENCY (MHz)
–60
–40
–30
–10
0
0.1
10
100
1000
1402 G18
–80
1
–20
–50
–70
VCC
VSS
VDD
DGND
Load Regulation for VREF
LOAD CURRENT (mA)
0
4.040
4.050
.4.060
4070
4.080
4.090
4.100
0.4
0.8
1.2
1.6
1402 G20
2.0
TYPICAL PERFOR A CE CHARACTERISTICS (Bipolar Mode Plots Run with Dual ±5V Supplies.
Unipolar Mode Plots Run with a Single 5V Supply. VDD = 5V, VSS = – 5V for Bipolar, VDD = 5V, VSS = 0V for Unipolar), TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com