Electronic Components Datasheet Search
  English  ▼

X  

LTC1402 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1402
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1402 Datasheet HTML 12Page - Linear Technology LTC1402 Datasheet HTML 13Page - Linear Technology LTC1402 Datasheet HTML 14Page - Linear Technology LTC1402 Datasheet HTML 15Page - Linear Technology LTC1402 Datasheet HTML 16Page - Linear Technology LTC1402 Datasheet HTML 17Page - Linear Technology LTC1402 Datasheet HTML 18Page - Linear Technology LTC1402 Datasheet HTML 19Page - Linear Technology LTC1402 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1402
APPLICATIONS INFORMATION
;
————————Buffered Receive Interrupt Routine —————————
breceive:
ifr = #10h
; clear interrupt flags
TC = bitf(@BSPCE,#4000h)
; check which half (bspce(bit14)) of buffer
if (NTC) goto bufull
; if this still the first half get next half
bspce = #(2023h + 08000h)
; turn on halt for second half (bspce(bit15))
return_enable
;
———————mask and shift input data after 2k buffer is full——-
bufull:
b = *ar3+ << -2
; load acc b with BSP buffer and shift right 2
b = #00FFFh & b
; mask out the REF bit and the 3 other tristate bits
b = #00800h ^ b
; invert BIPOLAR MSB. Comment this line in UNIPOLAR mode
*ar2+ = data(#0bh)
; store B to out buffer and advance AR2 pointer
TC = (@ar2 == #02000h) ; output buffer is 2k starting at 1800h
if (TC) goto start
; restart if out buffer is at 1fffh
goto bufull
;
—————————dummy bsend return————————————
bsend return_enable
;this is a dummy return to define bsend
;in vector table below
;
——————————— end ISR ——————————————
;initialize buffered serial port
**********************************************************************
*
BSP initialization code for the ‘C54x DSKplus
*
*
for use with 1402 in standard mode
*
*
BSPC and SPC are the same in the ‘C542
*
**********************************************************************
ON
.set 1
OFF
.set !ON
YES
.set 1
NO
.set !YES
BIT_8
.set 2
BIT_10
.set 1
BIT_12
.set 3
BIT_16
.set 0
GO
.set 0x80
**********************************************************************
* This is an example of how to initialize the Buffered Serial Port (BSP).
* The BSP is initialized to require an external CLK and FSX for
* operation. The data format is 16-bits, burst mode, with autobuffering
* enabled.
*
*
*****************************************************************************************************
*Timing at BSP pins in DSKPLUS TMS320c542 board with inverters at BCLKR and BFSR.
*
*BFSR Pin JP1-20 ~\___/~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~~\___/~~~~~~~~~~*
*BCLKR Pin JP1-14 _/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/~\_/
*
*BDR Pin JP1-26 -_—_—<REF-B11-B10-B09-B08-B07-B06-B05-B04-B03-B02-B01-B00>—_—_—<REF-B11-
*
*CLKIN Pin JP5-09 ~~~~~\_______/~~~~~~~\_______/~~~~~~~\_______/~~~~~~~\_______/~~~~~~~\_______/~~~~
*
*
*
*A 2 place right shift is needed to right justify the input data.
*
*The REF bit is also be masked in this example
*
*****************************************************************************************************
*
Loopback
.set
NO
;(digital looback mode?)
DLB bit
Format
.set
BIT_16
;(Data format? 16,12,10,8)
FO bit
IntSync
.set
NO
;(internal Frame syncs generated?)
TXM bit
IntCLK
.set
NO
;(internal clks generated?)
MCM bit
BurstMode
.set
YES
;(if BurstMode=NO, then Continuous)
FSM bit
CLKDIV
.set
3
;(3=default value, 1/4 CLOCKOUT)
PCM_Mode
.set
NO
;(Turn on PCM mode?)
FS_polarity
.set
NO
;(change polarity)YES=^^^\_/^^^, NO=___/^\___
CLK_polarity
.set
YES
;(change polarity)for BCLKR YES=_/^, NO=~\_
Frame_ignore
.set
!YES
;(inverted !YES -ignores frame)
XMTautobuf
.set
NO
;(transmit autobuffering)
RCVautobuf
.set
YES
;(receive autobuffering)
XMThalt
.set
NO
;(transmit buff halt if XMT buff is full)
RCVhalt
.set
NO
;(receive buff halt if RCV buff is full)
XMTbufAddr
.set
0x800
;(address of transmit buffer)
XMTbufSize
.set
0x000
;(length of transmit buffer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com