Electronic Components Datasheet Search
  English  ▼

X  

LTC1421 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 11Page - Linear Technology LTC1421 Datasheet HTML 12Page - Linear Technology LTC1421 Datasheet HTML 13Page - Linear Technology LTC1421 Datasheet HTML 14Page - Linear Technology LTC1421 Datasheet HTML 15Page - Linear Technology LTC1421 Datasheet HTML 16Page - Linear Technology LTC1421 Datasheet HTML 17Page - Linear Technology LTC1421 Datasheet HTML 18Page - Linear Technology LTC1421 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LTC1421/LTC1421-2.5
APPLICATIONS INFORMATION
time point 2). Pulses less than 20ms on POR are ignored.
CPON goes low. Both GATEHI and GATELO will be
actively pulled down to GND. When VOUTLO drops below
its reset threshold voltage, PWRGD will immediately pull
low (time point 3) followed by RESET and DISABLE 32
µs
later (time point 4). Both supplies will be discharged to
ground and stay there until POR is pulled high.
The circuit breaker can be reset by pulling POR low. After
POR is low for more than 20ms, the chip will immediately
try to power up the supplies.
Circuit Breaker Timing
The waveforms for the circuit when a short occurs on
either supply during board insertion are shown in
Figure 16. Time points 1 to 4 are the same as the board
insertion example, but at time point 5, a short circuit is
detected on one of the supplies. The charge pumps are
immediately turned off, the outputs VOUTHI and VOUTLO are
actively pulled to GND and the CPON and FAULT pins are
pulled low. At time point 6, the circuit breaker is reset by
pulling POR low. After POR has been low for 20ms (time
point 7), CPON and FAULT are pulled high, the 20
µA
reference current is connected to RAMP and the charge
pumps are enabled. VOUTHI and VOUTLO ramp up at a
controlled rate. When VOUTLO has exceeded its reset
threshold, the PWRGD signal is pulled high (time point 8).
After a 200ms delay, RESET is pulled high and DISABLE
goes low.
Figure 16. Circuit Breaker Timing
VCCLO
12
3
4
5
6
VCCHI
DISABLE
CON1
78
9
CON2
CPON
PWRGD
VTH1
1421 F16
VOUTHI
GATEHI
GATELO
VOUTLO
RESET
FAULT
POR
20ms
20ms
200ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com