Electronic Components Datasheet Search
  English  ▼

X  

LT1790 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1790
Description  Micropower SOT-23 Low Dropout Reference Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790 Datasheet(HTML) 1 Page - Linear Technology

  LT1790 Datasheet HTML 1Page - Linear Technology LT1790 Datasheet HTML 2Page - Linear Technology LT1790 Datasheet HTML 3Page - Linear Technology LT1790 Datasheet HTML 4Page - Linear Technology LT1790 Datasheet HTML 5Page - Linear Technology LT1790 Datasheet HTML 6Page - Linear Technology LT1790 Datasheet HTML 7Page - Linear Technology LT1790 Datasheet HTML 8Page - Linear Technology LT1790 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT1790
1
1790fb
TYPICAL APPLICATION
DESCRIPTION
Micropower SOT-23
Low Dropout Reference Family
FEATURES
APPLICATIONS
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
The LT®1790 is a family of SOT-23 micropower low dropout
series references that combine high accuracy and low drift
with low power dissipation and small package size. These
micropower references use curvature compensation to
obtain a low temperature coefficient and trimmed preci-
sion thin-film resistors to achieve high output accuracy. In
addition, each LT1790 is post-package trimmed to greatly
reduce the temperature coefficient and increase the output
accuracy. Output accuracy is further assured by excellent
line and load regulation. Special care has been taken to
minimize thermally induced hysteresis.
The LT1790s are ideally suited for battery-operated sys-
tems because of their small size, low supply current and
reduced dropout voltage. These references provide sup-
ply current and power dissipation advantages over shunt
references that must idle the entire load current to operate.
Since the LT1790 can also sink current, it can operate as
a micropower negative voltage reference with the same
performance as a positive reference.
n High Accuracy:
A Grade—0.05% Max
B Grade—0.1% Max
n Low Drift:
A Grade—10ppm/°C Max
B Grade—25ppm/°C Max
n Low Thermal Hysteresis 40ppm (Typical) –40°C to 85°C
n Low Supply Current: 60μA Max
n Sinks and Sources Current
n Low Dropout Voltage
n Guaranteed Operational –40°C to 125°C
n Wide Supply Range to 18V
n Available Output Voltage Options: 1.25V, 2.048V,
2.5V, 3V, 3.3V, 4.096V and 5V
n Low Profile (1mm) ThinSOT™ Package
n Handheld Instruments
n Negative Voltage References
n Industrial Control Systems
n Data Acquisition Systems
n Battery-Operated Equipment
Typical VOUT Distribution for LT1790-2.5
Positive Connection for LT1790-2.5
0.1μF
2.6V ≤ VIN ≤ 18V
1μF
1, 2
6
VOUT = 2.5V
4
LT1790-2.5
1790 TA01
OUTPUT VOLTAGE (V)
2.498
2.499
2.500
2.501
2.502
30
40
50
1790 TA02
20
10
25
35
45
15
5
0
LT1790B LIMITS
LT1790A LIMITS
167 UNITS


Similar Part No. - LT1790

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1790 LINER-LT1790 Datasheet
290Kb / 16P
Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790 Datasheet
844Kb / 18P
SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT1790 LINER-LT1790 Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
logo
Linear Integrated Syste...
LT1790 LINEAR-LT1790 Datasheet
747Kb / 22P
1.5ppm C Drift, Low Noise, Buffered Reference
More results

Similar Description - LT1790

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
Micropower Precision Low Dropout Series Voltage Reference Family
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
Micropower SOT-23 Low Dropout Reference Family
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
LM4132 SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
Micropower SOT-23 Low Dropout Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
SOT-23 Precision Micropower Series Voltage Reference
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com