Electronic Components Datasheet Search
  English  ▼

X  

LT1790 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1790
Description  Micropower SOT-23 Low Dropout Reference Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790 Datasheet(HTML) 4 Page - Linear Technology

  LT1790 Datasheet HTML 1Page - Linear Technology LT1790 Datasheet HTML 2Page - Linear Technology LT1790 Datasheet HTML 3Page - Linear Technology LT1790 Datasheet HTML 4Page - Linear Technology LT1790 Datasheet HTML 5Page - Linear Technology LT1790 Datasheet HTML 6Page - Linear Technology LT1790 Datasheet HTML 7Page - Linear Technology LT1790 Datasheet HTML 8Page - Linear Technology LT1790 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT1790
4
1790fb
AVAILABLE OPTIONS
OUTPUT
VOLTAGE
INITIAL
ACCURACY
TEMPERATURE
COEFFICIENT
TEMPERATURE RANGE
0°C TO 70°C
–40°C TO 85°C
ORDER PART NUMBER
ORDER PART NUMBER
1.250V
0.05%
0.1%
10ppm/°C
25ppm/°C
LT1790ACS6-1.25
LT1790BCS6-1.25
LT1790AIS6-1.25
LT1790BIS6-1.25
2.048V
0.05%
0.1%
10ppm/°C
25ppm/°C
LT1790ACS6-2.048
LT1790BCS6-2.048
LT1790AIS6-2.048
LT1790BIS6-2.048
2.500V
0.05%
0.1%
10ppm/°C
25ppm/°C
LT1790ACS6-2.5
LT1790BCS6-2.5
LT1790AIS6-2.5
LT1790BIS6-2.5
3.000V
0.05%
0.1%
10ppm/°C
25ppm/°C
LT1790ACS6-3
LT1790BCS6-3
LT1790AIS6-3
LT1790BIS6-3
3.300V
0.05%
0.1%
10ppm/°C
25ppm/°C
LT1790ACS6-3.3
LT1790BCS6-3.3
LT1790AIS6-3.3
LT1790BIS6-3.3
4.096V
0.05%
0.1%
10ppm/°C
25ppm/°C
LT1790ACS6-4.096
LT1790BCS6-4.096
LT1790AIS6-4.096
LT1790BIS6-4.096
5.000V
0.05%
0.1%
10ppm/°C
25ppm/°C
LT1790ACS6-5
LT1790BCS6-5
LT1790AIS6-5
LT1790BIS6-5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage (Notes 3, 4)
LT1790A
1.24937
–0.05
1.25
1.25062
0.05
V
%
LT1790B
1.24875
–0.1
1.25
1.25125
0.1
V
%
LT1790AC
l
l
1.24850
–0.12
1.25
1.2515
0.12
V
%
LT1790AI
l
l
1.24781
–0.175
1.25
1.25219
0.175
V
%
LT1790BC
l
l
1.24656
–0.275
1.25
1.25344
0.275
V
%
LT1790BI
l
l
1.24484
–0.4125
1.25
1.25516
0.4125
V
%
Output Voltage Temperature Coefficient (Note 5)
TMIN ≤ TA ≤ TMAX
LT1790A
LT1790B
l
l
5
12
10
25
ppm/°C
ppm/°C
Line Regulation
2.6V ≤ VIN ≤ 18V
l
50
170
220
ppm/V
ppm/V
Load Regulation (Note 6)
IOUT Source = 5mA, VIN = 2.8V
l
100
160
250
ppm/mA
ppm/mA
IOUT Sink = 1mA, VIN = 3.2V
l
120
180
250
ppm/mA
ppm/mA
Minimum Operating Voltage (Note 7)
VIN, ΔVOUT = 0.1%
IOUT = 0mA
IOUT Source = 5mA
IOUT Sink = 1mA
l
l
l
1.95
2.15
2.50
2.90
2.95
V
V
V
V
1.25V ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C. CL = 1μF and VIN = 2.6V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com