Electronic Components Datasheet Search
  English  ▼

X  

LT1790 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1790
Description  Micropower SOT-23 Low Dropout Reference Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1790 Datasheet HTML 2Page - Linear Technology LT1790 Datasheet HTML 3Page - Linear Technology LT1790 Datasheet HTML 4Page - Linear Technology LT1790 Datasheet HTML 5Page - Linear Technology LT1790 Datasheet HTML 6Page - Linear Technology LT1790 Datasheet HTML 7Page - Linear Technology LT1790 Datasheet HTML 8Page - Linear Technology LT1790 Datasheet HTML 9Page - Linear Technology LT1790 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LT1790
6
1790fb
2.5V ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C. CL = 1μF and VIN = 3V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage (Notes 3, 4)
LT1790A
2.49875
–0.05
2.5
2.50125
0.05
V
%
LT1790B
2.4975
–0.1
2.5
2.5025
0.1
V
%
LT1790AC
l
l
2.4970
–0.12
2.5
2.5030
0.12
V
%
LT1790AI
l
l
2.49563
–0.175
2.5
2.50438
0.175
V
%
LT1790BC
l
l
2.49313
–0.275
2.5
2.50688
0.275
V
%
LT1790BI
l
l
2.48969
–0.4125
2.5
2.51031
0.4125
V
%
Output Voltage Temperature Coefficient (Note 5)
TMIN ≤ TA ≤ TMAX
LT1790A
LT1790B
l
l
5
12
10
25
ppm/°C
ppm/°C
Line Regulation
3V ≤ VIN ≤ 18V
l
50
170
220
ppm/V
ppm/V
Load Regulation (Note 6)
IOUT Source = 5mA
l
80
160
250
ppm/mA
ppm/mA
IOUT Sink = 3mA
l
70
110
300
ppm/mA
ppm/mA
Dropout Voltage (Note 7)
VIN – VOUT, ΔVOUT = 0.1%
IOUT = 0mA
IOUT Source = 5mA
IOUT Sink = 3mA
l
l
l
50
100
120
450
250
mV
mV
mV
mV
Supply Current
No Load
l
35
60
80
μA
μA
Minimum Operating Current—
Negative Output (See Figure 7)
VOUT = – 2.5V, 0.1%
100
125
μA
Turn-On Time
CLOAD = 1μF
700
μs
Output Noise (Note 8)
0.1Hz ≤ f ≤ 10Hz
10Hz ≤ f ≤ 1kHz
32
48
μVP-P
μVRMS
Long-Term Drift of Output Voltage (Note 9)
50
ppm/√kHr
Hysteresis (Note 10)
ΔT = 0°C to 70°C
ΔT = –40°C to 85°C
l
l
25
40
ppm
ppm
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Noise (Note 8)
0.1Hz ≤ f ≤ 10Hz
10Hz ≤ f ≤ 1kHz
22
41
μVP-P
μVRMS
Long-Term Drift of Output Voltage (Note 9)
50
ppm/√kHr
Hysteresis (Note 10)
ΔT = 0°C to 70°C
ΔT = –40°C to 85°C
l
l
25
40
ppm
ppm
2.048V ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the
specified temperature range, otherwise specifications are at TA = 25°C. CL = 1μF and VIN = 2.8V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com