Electronic Components Datasheet Search
  English  ▼

X  

LTC1599 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1599
Description  16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1599 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1599 Datasheet HTML 9Page - Linear Technology LTC1599 Datasheet HTML 10Page - Linear Technology LTC1599 Datasheet HTML 11Page - Linear Technology LTC1599 Datasheet HTML 12Page - Linear Technology LTC1599 Datasheet HTML 13Page - Linear Technology LTC1599 Datasheet HTML 14Page - Linear Technology LTC1599 Datasheet HTML 15Page - Linear Technology LTC1599 Datasheet HTML 16Page - Linear Technology LTC1599 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1599
APPLICATIONS INFORMATION
or 10V full-scale systems. However, as the circuit band-
widths increase, filtering the output of the reference may
be required to minimize output noise.
Table 5. Partial List of LTC Precision References Recommended
for Use with the LTC1599, with Relevant Specifications
INITIAL
TEMPERATURE
0.1Hz to 10Hz
REFERENCE
TOLERANCE
DRIFT
NOISE
LT1019A-5,
±0.05%
5ppm
12
µVP-P
LT1019A-10
LT1236A-5,
±0.05%
5ppm
3
µVP-P
LT1236A-10
LT1460A-5,
±0.075%
10ppm
20
µVP-P
LT1460A-10
Grounding
As with any high resolution converter, clean grounding is
important. A low impedance analog ground plane and star
grounding should be used. IOUT2F and IOUT2S must be tied
to the star ground with as low a resistance as possible.
When it is not possible to locate star ground close to
IOUT2F and IOUT2S, separate traces should be used to route
these pins to star ground. This minimizes the voltage drop
from these pins to ground caused by the code dependent
current flowing to ground. When the resistance of these
circuit board traces becomes greater than 1
Ω, the circuit
in Figure 4 eliminates voltage drop errors caused by high
resistance traces. This preserves the excellent accuracy
(1LSB INL and DNL) of the LTC1599.
A 16-Bit, 4mA to 20mA Current Loop Controller
for Industrial Applications
Modern process control systems must often deal with
legacy 4mA to 20mA analog current loops as a means of
interfacing with actuators and valves located at a distance.
The circuit in Figure 5 provides an output to a current loop
controlled by an LTC1599, a 16-bit current output DAC. A
dual rail-to-rail op amp (U1, LT1366) controls a P-channel
power FET (Q2) to produce a current mirror with a precise
8:1 ratio as defined by a resistor array. The input current
to this mirror circuit is produced by a grounded base
cascode stage using a high gain transistor (Q1). The use
of a bipolar transistor in this location results in an error
term associated with U1B and Q1’s base current (– 0.2%
for the device shown). For control applications however,
absolute accuracy of the output to an actuator is usually
not required. If a higher degree of absolute accuracy is
required, Q1 can be replaced with an N-channel JFET;
however, this requires a single amplifier at U1B with the
ability to drive the gate below ground. An enhancement
mode N-channel FET can be used in place of Q1 but
MOSFET leakage current must be considered and gate
overdrive must be avoided.
Figure 4. Driving IOUT2F and IOUT2S with a Force/Sense Amplifier
VCC
LTC1599
RFB
RFB
ROFS
ROFS
5V
4
3
20
8
R1
RCOM
2
R2
1
REF
5
6
0.1
µF
7
IOUT1
33pF
VOUT
0V TO –10V
1599 F04
LT1001
–
+
LT1001
16-BIT DAC
R1
R2
IOUT2F
IOUT2S
13
MLBYTE
MLBYTE
14 TO 18,
21 TO 23
8
DATA
INPUTS
LD
LD
12
11
24
10
WR
WR
CLR
CLVL
CLR
19
9
DGND
CLVL
3
6
2
2
6
3
LT1236A-10
2
6 10V
15V
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com