Electronic Components Datasheet Search
  English  ▼

X  

LTC1599 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1599
Description  16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1599 Datasheet(HTML) 2 Page - Linear Technology

  LTC1599 Datasheet HTML 1Page - Linear Technology LTC1599 Datasheet HTML 2Page - Linear Technology LTC1599 Datasheet HTML 3Page - Linear Technology LTC1599 Datasheet HTML 4Page - Linear Technology LTC1599 Datasheet HTML 5Page - Linear Technology LTC1599 Datasheet HTML 6Page - Linear Technology LTC1599 Datasheet HTML 7Page - Linear Technology LTC1599 Datasheet HTML 8Page - Linear Technology LTC1599 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1599
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
(Note 1)
VCC to DGND .............................................. – 0.3V to 7V
REF, ROFS, RFB, R1, R2 to DGND .......................... ±25V
RCOM ........................................................ – 0.3V to 12V
Digital Inputs to DGND ............... – 0.3V to (VCC + 0.3V)
IOUT1, IOUT2F, IOUT2S to DGND .... – 0.3V to( VCC + 0.3V)
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range
LTC1599C ............................................... 0
°C to 70°C
LTC1599I ............................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 95°C/ W (G)
TJMAX = 125°C, θJA = 58°C/ W (N)
Consult factory for Military grade parts.
LTC1599ACG
LTC1599BCG
LTC1599AIG
LTC1599BIG
LTC1599ACN
LTC1599BCN
LTC1599AIN
LTC1599BIN
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±10%, VREF = 10V, IOUT1 = IOUT2F = IOUT2S = DGND = 0V,
TA = TMIN to TMAX unless otherwise noted.
LTC1599B
LTC1599A
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Accuracy
Resolution
q
16
16
Bits
Monotonicity
q
16
16
Bits
INL
Integral Nonlinearity
TA = 25°C (Note 2)
±2
±0.25
±1
LSB
TMIN to TMAX
q
±2
±0.35
±1
LSB
DNL
Differential Nonlinearity
TA = 25°C
±1
±0.2
±1
LSB
TMIN to TMAX
q
±1
±0.2
±1
LSB
GE
Gain Error
Unipolar Mode
TA = 25°C (Note 3)
±16
2
±16
LSB
TMIN to TMAX
q
±24
3
±16
LSB
Bipolar Mode
TA = 25°C (Note 3)
±16
2
±16
LSB
TMIN to TMAX
q
±24
3
±16
LSB
Gain Temperature Coefficient
∆Gain/∆Temperature (Note 4)
q
1
3
1
3
ppm/
°C
Bipolar Zero Error
TA = 25°C
±10
±5
LSB
TMIN to TMAX
q
±16
±8
LSB
ILKG
OUT1 Leakage Current
TA = 25°C (Note 5)
±5
±5nA
TMIN to TMAX
q
±15
±15
nA
PSRR
Power Supply Rejection
VCC = 5V ±10%
q
±1
±2
±1
±2
LSB/V
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
REF
R2
RCOM
R1
ROFS
RFB
IOUT1
IOUT2F
IOUT2S
CLVL
LD
WR
CLR
D0
D1
D2
VCC
DGND
D3
D4
D5
D6
D7
MLBYTE
N PACKAGE
24-LEAD PDIP
G PACKAGE
24-LEAD PLASTIC SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com