Electronic Components Datasheet Search
  English  ▼

X  

LTC1599 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1599
Description  16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1599 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1599 Datasheet HTML 3Page - Linear Technology LTC1599 Datasheet HTML 4Page - Linear Technology LTC1599 Datasheet HTML 5Page - Linear Technology LTC1599 Datasheet HTML 6Page - Linear Technology LTC1599 Datasheet HTML 7Page - Linear Technology LTC1599 Datasheet HTML 8Page - Linear Technology LTC1599 Datasheet HTML 9Page - Linear Technology LTC1599 Datasheet HTML 10Page - Linear Technology LTC1599 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1599
PIN FUNCTIONS
CLVL (Pin 10): Clear Level. CLVL = 0, selects reset to zero
code. CLVL = 1, selects reset to midscale code. Normally
hardwired to a logic high or a logic low.
LD (Pin 11): DAC Digital Input Load Control Input. When
LD is taken to a logic low, data is loaded from the input
register into the DAC register, updating the DAC output.
WR (Pin 12): DAC Digital Write Control Input. When WR
is taken to a logic low, data is loaded from the 8 digital input
pins into the 16-bit wide input register. The MLBYTE pin
determines whether the MSB or LSB byte is loaded.
MLBYTE (Pin 13): MSB or LSB Byte Select. When MLBYTE
is taken to a logic low and WR is taken to a logic low, data
is loaded from the 8 digital input pins into the first 8 bits
of the 16-bit wide input register. When MLBYTE is taken to
a logic high and WR is taken to a logic low, data is loaded
from the 8 digital input pins into the 8 MSB bits of the input
register.
D7 to D3 (Pins 14 to 18): Digital Input Data Bits.
DGND (Pin 19): Digital Ground. Tie to ground.
VCC (Pin 20): The Positive Supply Input. 4.5V ≤ VCC ≤ 5.5V.
Requires a bypass capacitor to ground.
D2 to D0 (Pins 21 to 23): Digital Input Data Bits.
CLR (Pin 24): Digital Clear Control Function for the DAC.
When CLR and CLVL are taken to a logic low, the DAC
output and all internal registers are set to zero code. When
CLR is taken to a logic low and CLVL is taken to a logic high,
the DAC output and all internal registers are set to midscale
code.
REF (Pin 1): Reference Input. Typically
±10V, accepts up
to
±25V. In 2-quadrant mode, this pin is the reference
input. In 4-quadrant mode, this pin is driven by external
inverting reference amplifier.
R2 (Pin 2): 4-Quadrant Resistor R2. Typically
±10V,
accepts up to
±25V. In 2-quadrant operation, connect this
pin to ground. In 4-quadrant mode tie to the REF pin and
to the output of an external amplifier. See Figures 1 and 3.
RCOM (Pin 3): Center Tap Point of the Two 4-Quadrant
Resistors R1 and R2. Normally tied to the inverting input
of an external amplifier in 4-quadrant operation, otherwise
connect this pin to ground. See Figures 1 and 3. The ab-
solute maximum voltage range on this pin is – 0.3V to 12V.
R1 (Pin 4): 4-Quadrant Resistor R1. Typically
±10V,
accepts up to
±25V. In 2-quadrant operation connect this
pin to ground. In 4-quadrant mode tie to ROFS (Pin 5). See
Figures 1 and 3.
ROFS (Pin 5): Bipolar Offset Resistor. Typically swings
±10V, accepts up to ±25V. In 2-quadrant operation, tie to
RFB. In 4-quadrant operation tie to R1.
RFB (Pin 6): Feedback Resistor. Normally tied to the output
of the current to voltage converter op amp. Typically
swings
±10V. Swings ±VREF.
IOUT1 (Pin 7): DAC Current Output. Tie to the inverting
input of the current to voltage converter op amp.
IOUT2F (Pin 8): Force Complement Current Output. Nor-
mally tied to ground.
IOUT2S (Pin 9): Sense Complement Current Output. Nor-
mally tied to ground.
TRUTH TABLE
Table 1
CONTROL INPUTS
CLR
WR
MLBYTE
LD
REGISTER OPERATION
0
X
X
X
Reset Input and DAC Registers to Zero Scale When CLVL = 0 and Midscale When CLVL = 1
1
0
1
Load the LSB Byte of the Input Register with All 8 Data Bits
1
1
1
Load the MSB Byte of the Input Register with All 8 Data Bits
11
X
Load the DAC Register with the Contents of the Input Register
1
1
X
1
No Register Operation
1
X
Flow-Through Mode. The DAC Register and the Selected Input Register Are Transparent. The Unselected Input
Register Retains Its Previous Data Byte. Note Only One Byte Is Transparent at a Time, the Selected Byte Being
Determined By the Logic Value of MLBYTE Prior to WR Being Pulsed Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com