Electronic Components Datasheet Search
  English  ▼

X  

LTC1599 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1599
Description  16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1599 Datasheet(HTML) 5 Page - Linear Technology

  LTC1599 Datasheet HTML 1Page - Linear Technology LTC1599 Datasheet HTML 2Page - Linear Technology LTC1599 Datasheet HTML 3Page - Linear Technology LTC1599 Datasheet HTML 4Page - Linear Technology LTC1599 Datasheet HTML 5Page - Linear Technology LTC1599 Datasheet HTML 6Page - Linear Technology LTC1599 Datasheet HTML 7Page - Linear Technology LTC1599 Datasheet HTML 8Page - Linear Technology LTC1599 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1599
TYPICAL PERFOR A CE CHARACTERISTICS
Integral Nonlinearity
vs Reference Voltage
in Unipolar Mode
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1599 G10
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1599 G11
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1599 G12
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
Integral Nonlinearity
vs Reference Voltage
in Bipolar Mode
Differential Nonlinearity
vs Reference Voltage
in Unipolar Mode
Differential Nonlinearity
vs Reference Voltage
in Bipolar Mode
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1599 G13
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
SUPPLY VOLTAGE (V)
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
2
4
5
1599 G14
– 0.6
0.6
0.8
0.2
3
6
7
VREF = 10V
VREF = 10V
VREF = 2.5V
VREF = 2.5V
Integral Nonlinearity vs
Suppy Voltage in Unipolar Mode
Integral Nonlinearity vs
Suppy Voltage in Bipolar Mode
SUPPLY VOLTAGE (V)
–2.0
–1.0
– 0.5
0
2.0
1.0
2
4
5
1599 G15
–1.5
1.5
0.5
3
6
7
VREF = 10V
VREF = 10V
VREF = 2.5V
VREF = 2.5V
Differential Nonlinearity vs
Suppy Voltage in Unipolar Mode
SUPPLY VOLTAGE (V)
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
2
4
5
1599 G16
– 0.6
0.6
0.8
0.2
3
6
7
VREF = 10V
VREF = 2.5V
VREF = 10V
VREF = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com