Electronic Components Datasheet Search
  English  ▼

X  

LTC1695 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1695
Description  SMBus/I2C Fan Speed Controller in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1695 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1695 Datasheet HTML 12Page - Linear Technology LTC1695 Datasheet HTML 13Page - Linear Technology LTC1695 Datasheet HTML 14Page - Linear Technology LTC1695 Datasheet HTML 15Page - Linear Technology LTC1695 Datasheet HTML 16Page - Linear Technology LTC1695 Datasheet HTML 17Page - Linear Technology LTC1695 Datasheet HTML 18Page - Linear Technology LTC1695 Datasheet HTML 19Page - Linear Technology LTC1695 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC1695
16
Table 4 lists some 5V brushless DC fans suitable for typical
LTC1695 fan speed control applications. Figure 5 shows
the measured I-V characteristics of these fans. For a
particular fan selection, users must determine the mini-
mum DAC output voltage code below which the fan stalls.
Most fans continue to consume current, even in a stalled
condition.
Table 4. Some 5V DC Fans’ Characteristics
Manufacturer
Part Number
Airflow Power
Size
(CFM)
(W) (L • W • H)mm3
SUNON
KDE0501PFB2-8
0.65
0.50
20 • 20 • 10
ATC
AD0205HB-G51
0.80
0.45
25 • 25 • 10
SUNON
KDE0502PFB2-8
1.70
0.60
25 • 25 • 10
SUNON
KDE0503PFB2-8
3.20
0.60
30 • 30 • 10
SUNON
KDE0535PFB2-8
4.80
0.70
35 • 35 • 10
Micronel
F41MM-005XK-9
6.10
0.70
40 • 40 • 12
DC FAN SELECTION
The LTC1695, in the 5-lead SOT-23 package, caters mainly
to 5V brushless DC fans, in spot cooling and notebook
computer applications, that consume less than 1W maxi-
mum. These applications typically require fan footprints
on the order of 4000mm3 to 20000mm3. Such fan sizes
are common and commercially available. Examples of
these miniature fans are the “Ultra-thin DC fan” and
“Extra-mini DC fan” from SUNON Inc. Models in these
series range from 17mm to 40mm in size, weigh from 4
grams to 10 grams and provides airflow densities from
0.65 CFM to 6 CFM.
Users must consider parameters like physical size
(L • W • H), airflow (CFM), power dissipation (W) and
acoustically generated noise (dBA) when choosing a fan.
Users must also evaluate the fan’s I-V characteristics
versus fan speed and the start/stall characteristics of the
fan. Other factors include mechanical considerations such
as low cost sleeve bearings or ball bearings that have
better long term reliability. Finally, users must consider if
the fan requires any input protection features such as
reverse-voltage protection. All of these factors affect the
fan’s cost.
Table 3 lists some 5V fan manufacturer’s contact informa-
tion.
Table 3. 5V DC Fan Manufacturers
Manufacturer
Address
SUNON Inc.
1075 W. Lambert Rd., Brea, CA 92821
Tel: (714)255-0208
Website: http://www.sunon.com
Advanced Technology
1280 Liberty Way, Vista, CA 92083
Company
Tel: (760)727-7430
Nidec America
152 Will Dr., Canton, MA 02021
Tel: (781)828-6216
Website: http://nidec.com
NMB Technologies Inc.
9730 Independence Ave., Chatsworth, CA 91311
Tel: (818)341-3355
Website: http://www.nmbtech.com
Micronel
1280 Liberty Way, Vista, CA 92083
Tel: (760)727-7400
Website: http://www.micronel.com
TERMINAL VOLTAGE (V)
0
150
125
100
75
50
25
0
1
23
4
1695 • F05
5
TA = 25°C
KDE0501PFB2-8
KDE0535PFB2-8
KDE0502PFB2-8
AD0205HB-G51
KDE0503PFB2-8
F41MM-005XK-9
Figure 5. I-V Characteristics of 5V
Brushless DC Fan Samples
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com