Electronic Components Datasheet Search
  English  ▼

X  

LTC1695 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1695
Description  SMBus/I2C Fan Speed Controller in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1695 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1695 Datasheet HTML 12Page - Linear Technology LTC1695 Datasheet HTML 13Page - Linear Technology LTC1695 Datasheet HTML 14Page - Linear Technology LTC1695 Datasheet HTML 15Page - Linear Technology LTC1695 Datasheet HTML 16Page - Linear Technology LTC1695 Datasheet HTML 17Page - Linear Technology LTC1695 Datasheet HTML 18Page - Linear Technology LTC1695 Datasheet HTML 19Page - Linear Technology LTC1695 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC1695
17
SMBus Data Byte Table (Receive Byte Protocol)
DECIMAL
BINARY
HEX
LTC1695 Status
MSB
LSB
0
00000000
00
No Fault
128
10000000
80
Overcurrent Fault/Clamp
64
01000000
40
Thermal Shutdown
During thermal shutdown, the LTC1695’s LDO is shut off.
DECIMAL
BINARY
HEX
Nominal VOUT(V)
(D5 to D0)
MSB
LSB
(D6-D7 set to 0)
ILOAD = 1mA
32
X0100000
20
2.500
33
X0100001
21
2.578
34
X0100010
22
2.656
35
X0100011
23
2.734
36
X0100100
24
2.813
37
X0100101
25
2.891
38
X0100110
26
2.969
39
X0100111
27
3.047
40
X0101000
28
3.125
41
X0101001
29
3.203
42
X0101010
2A
3.281
43
X0101011
2B
3.359
44
X0101100
2C
3.438
45
X0101101
2D
3.516
46
X0101110
2E
3.594
47
X0101111
2F
3.672
48
X0110000
30
3.750
49
X0110001
31
3.828
50
X0110010
32
3.906
51
X0110011
33
3.984
52
X0110100
34
4.063
53
X0110101
35
4.141
54
X0110110
36
4.219
55
X0110111
37
4.297
56
X0111000
38
4.375
57
X0111001
39
4.453
58
X0111010
3A
4.531
59
X0111011
3B
4.609
60
X0111100
3C
4.688
61
X0111101
3D
4.766
62
X0111110
3E
4.844
63
X0111111
3F
4.922
D6 = 0 disables the boost start timer.
D7 = X = don’t care
SMBus Address Byte Table
Decimal
HEX
SMBus Protocol
232
E8
Send Byte to the LTC1695
233
E9
Receive Byte from the LTC1695
The LSB of the SMBus address is the write bit. For send byte protocol,
W = 0. For Receive byte protocol, W = 1
SMBus Command Byte Table (Send Byte Protocol)
DECIMAL
BINARY
HEX
Nominal VOUT(V)
(D5 to D0)
MSB
LSB
(D6-D7 set to 0)
ILOAD = 1mA
0
X0000000
00
0.000
1
X0000001
01
0.078
2
X0000010
02
0.156
3
X0000011
03
0.234
4
X0000100
04
0.313
5
X0000101
05
0.391
6
X0000110
06
0.469
7
X0000111
07
0.547
8
X0001000
08
0.625
9
X0001001
09
0.703
10
X0001010
0A
0.781
11
X0001011
0B
0.859
12
X0001100
0C
0.938
13
X0001101
0D
1.016
14
X0001110
0E
1.094
15
X0001111
0F
1.172
16
X0010000
10
1.250
17
X0010001
11
1.328
18
X0010010
12
1.406
19
X0010011
13
1.484
20
X0010100
14
1.563
21
X0010101
15
1.641
22
X0010110
16
1.719
23
X0010111
17
1.797
24
X0011000
18
1.875
25
X0011001
19
1.953
26
X0011010
1A
2.031
27
X0011011
1B
2.109
28
X0011100
1C
2.188
29
X0011101
1D
2.266
30
X0011110
1E
2.344
31
X0011111
1F
2.422
D6 = 0 disables the boost start timer.
D7 = X = don’t care
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com