Electronic Components Datasheet Search
  English  ▼

X  

LTC1695 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1695
Description  SMBus/I2C Fan Speed Controller in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1695 Datasheet(HTML) 5 Page - Linear Technology

  LTC1695 Datasheet HTML 1Page - Linear Technology LTC1695 Datasheet HTML 2Page - Linear Technology LTC1695 Datasheet HTML 3Page - Linear Technology LTC1695 Datasheet HTML 4Page - Linear Technology LTC1695 Datasheet HTML 5Page - Linear Technology LTC1695 Datasheet HTML 6Page - Linear Technology LTC1695 Datasheet HTML 7Page - Linear Technology LTC1695 Datasheet HTML 8Page - Linear Technology LTC1695 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC1695
5
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
3.00
2.90
2.80
2.70
2.60
–25
0
25
50
1695 • G13
100
75
125
POR (RISING VCC)
UVLO (FALLING VCC)
SUPPLY VOLTAGE (V)
4.0
250
300
6.0
1695 • G14
200
150
4.5
5.0
5.5
350
TA = 25°C
ILOAD = 10mA
TEMPERATURE (
°C)
–25
600
500
400
300
200
100
0
025
50
75
1695 • G15
100
VCC = 5V
ILOAD = 10mA
SUPPLY VOLTAGE (V)
4.5
5.5
1695 • G16
4.75
5.0
5.25
425
400
375
350
325
300
TA = 25°C
TEMPERATURE (
°C)
–40
600
500
400
300
200
100
0
–20
020
40
1695 • G17
60
80 90
VCC = 5V
LOAD CURRENT (mA)
0
20
100
140 160
120
120
100
80
60
40
20
0
1695 • G18
40
60
80
180
CODE 16 (1.25V)
CODE 32 (2.5V)
CODE 48 (3.75V)
CODE 63 (4.922V)
VCC = 5V, TA = 25°C,
SOT-23 THERMAL RESISTANCE
= 150
°C/W (PCB SOLDERED)
SEE APPLICATIONS
INFORMATION.
POR and UVLO vs Temperature
Boost Start Timer vs Supply
Voltage
Boost Start Timer vs Temperature
Current Limit Threshold vs
Supply Voltage
Junction Temperature Increase
vs Load Current
Current Limit Threshold
vs Temperature
Load Transient Response
Code 32, 5mA to 55mA
Load Transient Response
Code 32, 50mA to 100mA
1695 • G19
VOUT (AC)
20mV/DIV
ILOAD
50mA/DIV
100
µs/DIV
VCC = 5V
COUT = 4.7µF TANTALUM
1695 • G20
VOUT (AC)
10mV/DIV
ILOAD
50mA/DIV
100
µs/DIV
VCC = 5V
COUT = 4.7µF TANTALUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com