Electronic Components Datasheet Search
  English  ▼

X  

LTC1695 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1695
Description  SMBus/I2C Fan Speed Controller in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1695 Datasheet(HTML) 2 Page - Linear Technology

  LTC1695 Datasheet HTML 1Page - Linear Technology LTC1695 Datasheet HTML 2Page - Linear Technology LTC1695 Datasheet HTML 3Page - Linear Technology LTC1695 Datasheet HTML 4Page - Linear Technology LTC1695 Datasheet HTML 5Page - Linear Technology LTC1695 Datasheet HTML 6Page - Linear Technology LTC1695 Datasheet HTML 7Page - Linear Technology LTC1695 Datasheet HTML 8Page - Linear Technology LTC1695 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC1695
2
Terminal Voltages
Supply Voltage (VCC) ............................................. 7V
All Other Inputs ........................ –0.3V to (VCC + 0.3V)
Operating Temperature Range ..................... 0
°C to 70°C
Junction Temperature ........................................... 125
°C
Storage Temperature Range .................. –65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S5 PART MARKING
TJMAX = 125°C, θJA = 256°C/W
SEE THE APPLICATIONS
INFORMATION SECTION.
Consult factory for Industrial and Military grade parts.
LTIY
LTC1695CS5
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise stated.
4 SDA
5 VOUT
SCL 3
VCC 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
GND 2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage Range
4.5
5
5.5
V
ICC
Supply Current, Operating
VOUT = Full Scale, ILOAD = 150mA
q
150.7
155
mA
Supply Current, Shutdown
DAC Code = 0
q
80
200
µA
DAC
DAC Resolution
Guaranteed Monotonic
q
6
Bits
VLSB
1LSB Resolution
ILOAD = 1mA
q
73
78
83
mV
VOS
Offset Error
ILOAD = 1mA
q
±1
LSB
DNL
Differential Nonlinearity
ILOAD = 1mA (Note 2)
q
±0.75
LSB
INL
Integral Nonlinearity
ILOAD = 1mA (Note 2)
q
±0.75
LSB
VFS
VOUT, DAC Full Scale
ILOAD = 20mA
q
4.5
4.93
V
ILOAD = 150mA
q
4.5
4.9
V
VZS
VOUT, DAC Zero Scale
RLOAD = 1kΩ
q
085
mV
RON(P)
P-Channel On Resistance
ILOAD = 150mA
0.75
Ω
Timer and Thermal Shutdown
VUVLO
Undervoltage Lockout Voltage
Rising VCC
q
2.3
2.9
3.5
V
TBST_ST
Boost Start Timer
ILOAD = 10mA, CLOAD = 4.7µF
q
75
250
1000
ms
TTHERMAL
Thermal Shutdown Temperature
(Note 3)
155
°C
IFAULT
Output Current Limit Threshold
VOUT = 0V, DAC Code = 63
q
180
390
850
mA
SMBus SCL, SDA Inputs
VIH
Input High Threshold
q
2.1
V
VIL
Input Low Threshold
q
0.8
V
IIN
Input Current
SCL, SDA = 0V or 5V
q
±0.1
±5
µA
CIN
Input Capacitance
(Note 3)
3
pF
tON
Switch On Time from
VOUT from Zero Scale to Full Scale,
q
50
500
µs
Stop Condition (fSMBus = 100kHz)
ILOAD = 1mA, CLOAD = 4.7µF
tOFF
Switch Off Time from
VOUT from Full Scale to Zero Scale,
q
150
500
µs
Stop Condition (fSMBus = 100kHz)
ILOAD = 150mA, CLOAD = 4.7µF
VOL
SDA Output Low Voltage
IPULLUP = 3mA
q
150
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com