Electronic Components Datasheet Search
  English  ▼

X  

LTC1703 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC1703
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1703 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC1703 Datasheet HTML 23Page - Linear Technology LTC1703 Datasheet HTML 24Page - Linear Technology LTC1703 Datasheet HTML 25Page - Linear Technology LTC1703 Datasheet HTML 26Page - Linear Technology LTC1703 Datasheet HTML 27Page - Linear Technology LTC1703 Datasheet HTML 28Page - Linear Technology LTC1703 Datasheet HTML 29Page - Linear Technology LTC1703 Datasheet HTML 30Page - Linear Technology LTC1703 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27
LTC1703
efficiency, since a significant fraction of the total power is
drawn from the 3.3V and 5V rails in a typical system. The
correct way to calculate system efficiency is to calculate
the power lost in each stage of the converter, and divide
the total output power from all outputs by the sum of the
output power plus the power lost:
Efficiency
TotalOutputPower
TotalOutputPower TotalPowerLost
=
+
()
100%
In our example 2-step system, the total output power is:
Total output power =
15W + 16.5W + 1.25W + 3W + 13W = 48.75W
corresponding to 5V, 3.3V, 2.5V, 1.5V and 1.3V output
voltages.
Assuming the LTC1703 provides 90% efficiency at each
output, the additional load on the 5V and 3.3V supplies is:
1.3V: 13W/90% = 14.4W/3.3V = 4.4A from 3.3V
1.5V: 3W/90% = 3.3W/5V = 0.67A from 5V
2.5V: 1.25W/75% = 1.66W/3.3V = 0.5A from 3.3V
If the 5V and 3.3V supplies are each 94% efficient, the
power lost in each supply is:
1.3V: 14.4W – 13W = 1.4W
1.5V: 3.3W – 3W = 0.3W
2.5V: 1.66W – 1.25W = 0.4W
3.3V: 16.5W + 3.3V (4.4A + 0.5A) = 32.67W load
(32.67W/94%) – 32.67W = 2.09W lost
5V:
15W + 5V (0.67A) = 18.4W load
(18.4W/94%) – 18.4W = 1.17W lost
Total loss = 5.36W
Total system efficiency =
48.75W/(48.75W + 5.36W) = 90.1%
Maximizing High Load Current Efficiency
Efficiency at high load currents (when the LTC1703 is
operating in continuous mode) is primarily controlled by
the resistance of the components in the power path
(QT, QB, LEXT) and power lost in the gate drive circuits due
to MOSFET gate charge. Maximizing efficiency in this
region of operation is as simple as minimizing these
terms.
The behavior of the load over time affects the efficiency
strategy. Parasitic resistances in the MOSFETs and the
inductor set the maximum output current the circuit can
supply without burning up. A typical efficiency curve
(Figure 15) shows that peak efficiency occurs near 30% of
this maximum current. If the load current will vary around
the efficiency peak and will spend relatively little time at the
maximum load, choosing components so that the average
load is at the efficiency peak is a good idea. This puts the
maximum load well beyond the efficiency peak, but usu-
ally gives the greatest system efficiency over time, which
translates to the longest run time in a battery-powered
system. If the load is expected to be relatively constant at
the maximum level, the components should be chosen so
that this load lands at the peak efficiency point, well below
the maximum possible output of the converter.
LOAD CURRENT (A)
0
70
80
90
100
510
1703 G01
15
VIN = 5V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.6V
Figure 15. Typical LTC1703 Efficiency Curves
Maximizing Low Load Current Efficiency
Low load current efficiency depends strongly on proper
operation in discontinuous and Burst Mode operations. In
an ideally optimized system, discontinuous mode reduces
conduction losses but not switching losses, since each
power MOSFET still switches on and off once per cycle. In
a typical system, there is additional loss in discontinuous
mode due to a small amount of residual current left in the
inductor when QB turns off. This current gets dissipated
across the body diode of either QT or QB. Some LTC1703
systems lose as much to body diode conduction as they
save in MOSFET conduction. The real efficiency benefit of
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com